Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205PRO8-525N Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # 205PRO8-525N
Description  Professional Radio Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

205PRO8-525N Datasheet(HTML) 6 Page - rfsolutions.ltd

  205PRO8-525N Datasheet HTML 1Page - rfsolutions.ltd 205PRO8-525N Datasheet HTML 2Page - rfsolutions.ltd 205PRO8-525N Datasheet HTML 3Page - rfsolutions.ltd 205PRO8-525N Datasheet HTML 4Page - rfsolutions.ltd 205PRO8-525N Datasheet HTML 5Page - rfsolutions.ltd 205PRO8-525N Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS200PRO-3 June ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 6
PRO
Professional Radio Control
Series
Technical Specifications
Transmitters
204 Series
Dimensions
96 x 47 x 23mm
Battery
2 x CR2016 Lithium Cell
205 Series
Dimensions
4 Switch unit
105 x 58 x 18 (not including ANT)
8 / 16 Switch unit
250 x 90 x 41 (not including ANT)
Battery
4 Switch unit
2x AAA
8 / 16 Switch unit
2 x CR2016 Lithium Cell
Receiver Unit
Dimensions
315 x 235 x 130mm
Insulation class II
Sealed hinged lid screws
DIN Rails mounted on steel plate
Integrated 12Vdc moulded Power Supply
5 Amp Fused terminal block
Material GW PLAST 120 °C
A 12Vdc power supply is incorporated. 12Vdc is presented on a fused terminal block. A Gland is
supplied to enable power to enter the enclosure.
Learning Capacity:
The receiver has the capacity to learn upto 50 units
(Where 1 unit is defined as a button on a transmitter)
Dimensions
External
315 x 235 x 130mm
Internal
300 x 220 x 120mm
DIN Rail length 1
285mm
DIN Rail length 2
180mm
Technical Specifications
Input Voltage
110-240Vac
Output Voltage
12Vdc +/-5%
Output Current
1A
Output Polarity:
White Dashed Wire =+12V
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage: 12V Supply
10
12
16
V
Supply Voltage: 24V Supply
21
24
30
V
Supply Current : Quiescent
25
mA
Time from Tx Switch depressed to 210Rx output
100
mS
Time from Tx Switch release to Decoder output
200
mS
Switched output Voltage (I out = 1mA)
Logic Low
Logic High
0
3.5
0.2
3.8
0.8
5
V
V


Similar Part No. - 205PRO8-525N

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
205PHB250K2G ILLINOISCAPACITOR-205PHB250K2G Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
205PHB250K2G ILLINOISCAPACITOR-205PHB250K2G Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
205PHB250K2G ILLINOISCAPACITOR-205PHB250K2G Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
205PHB250K2H ILLINOISCAPACITOR-205PHB250K2H Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
205PHB250K2H ILLINOISCAPACITOR-205PHB250K2H Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
More results

Similar Description - 205PRO8-525N

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PRO-BLADE8 RFSOLUTIONS-PRO-BLADE8 Datasheet
526Kb / 6P
   Professional Radio Control
PROBLADE RFSOLUTIONS-PROBLADE Datasheet
2Mb / 7P
   Professional Radio Control
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
logo
Mitsubishi Electric Sem...
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Sumida Corporation
ACL100B SUMIDA-ACL100B Datasheet
166Kb / 1P
   Radio Control Clock Antenna
ACL25 SUMIDA-ACL25_16 Datasheet
132Kb / 1P
   Radio Control Clock Antenna
ACL27J SUMIDA-ACL27J Datasheet
166Kb / 1P
   Radio Control Clock Antenna
ACL27 SUMIDA-ACL27 Datasheet
25Kb / 1P
   Radio Control Clock Antenna
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com