Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

201-458FR Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # 201-458FR
Description  Modular Radio Telemetry System
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

201-458FR Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button 201-458FR Datasheet HTML 2Page - rfsolutions.ltd 201-458FR Datasheet HTML 3Page - rfsolutions.ltd 201-458FR Datasheet HTML 4Page - rfsolutions.ltd 201-458FR Datasheet HTML 5Page - rfsolutions.ltd 201-458FR Datasheet HTML 6Page - rfsolutions.ltd 201-458FR Datasheet HTML 7Page - rfsolutions.ltd 201-458FR Datasheet HTML 8Page - rfsolutions.ltd 201-458FR Datasheet HTML 9Page - rfsolutions.ltd 201-458FR Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 6
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
1.5
Connecting output Modules to the 210 Receiver
A range of ‘200’ series output modules are available which can be plugged into the 210 Receiver via the four
IDC header boxes on the receiver. The selection of output module will be dependant on the application. Please
see DS200S-1 for a summary the available modules.
1.6
Connecting an Antenna
The 210Rx has a 200mm flying lead cable (50ohm) with a panel mount BNC socket provided to mount on an
enclosure. This cable may be extended however please note that typically there is a 50% range reduction
with every 3metres of coax cable used!
For increasing range performance a +3dB gain antenna is available. This is supplied with wall mounting
bracket and 2metres of coax cable, it plugs in directly to the 210Rx BNC connector.
1.7
Range
The antenna choice and position directly controls the system range. Keep it clear of other metal in the system.
The best position by far, is protruding from the top of the product. This is often not desirable for practical or
ergonomic reasons and thus a compromise may be needed. If an internal antenna must be used then try to
keep it away from other metal items, and in particular large ones like transformers, batteries and PCB tracks
and earth planes.
Note that the space around the antenna is as important as the antenna itself. All radio systems are dependant
on a radio signal being received through airspace.
The range quoted is the optimal in direct line of sight without obstacles and in good atmospheric conditions.
Range is affected by many things, for example local environmental conditions, atmospheric conditions,
interference from other radio transmitters. For evaluating the local environment please see our RF Meter
(DS006)
In very worse case applications the range quoted may be reduced to 30% of the optimal range stated.
1.8
Signal integrity
In systems where many encoders are in close proximity there may be occasions when, due to signal overlay
between encoders, it is difficult or impossible to guarantee system integrity. In such circumstances it is the
responsibility of the installer to ensure that the system performance is adequate for the purposes of the
installation.
1.9
Information availability
All products are supplied with their relevant datasheets. These are also available for download from the website
or on request from RF Solutions Ltd.
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street, Lewes,
E. Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
All Trademarks acknowledged and remain the property of the respected owners
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Similar Part No. - 201-458FR

ManufacturerPart #DatasheetDescription
logo
ETAL Group
201-4A ETAL-201-4A Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results

Similar Description - 201-458FR

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
rfsolutions.ltd
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
   GSM TELEMETRY SYSTEM
logo
Radiometrix Ltd
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
rfsolutions.ltd
XNET8100 RFSOLUTIONS-XNET8100 Datasheet
133Kb / 4P
   DIN RAIIL TELEMETRY SYSTEM
X7306 RFSOLUTIONS-X7306 Datasheet
249Kb / 8P
   458MHz PZT Telemetry System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com