Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

006-869 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # 006-869
Description  RF HAND HELD RF METER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

006-869 Datasheet(HTML) 1 Page - rfsolutions.ltd

  006-869 Datasheet HTML 1Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS066-4
April ‘05
©2005 REG No 277 4001, ENGLAND.
Page 1
RF HAND HELD RF METER
Information contained in this document is believed to be accurate, however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
Hand Held Signal Strength Meter
Detects Carrier RF Activity
10 digit LED Display with Peak Hold
Displays -108dBm to –40dBm Signal Strength
Operates from Single PP3 Battery
Battery Low Indication
Auto Shutoff after 2min
Requires no Radio License
315, 433, 868, 869 & 915 versions.
Applications
Detects Interference
Assists Range Testing
Radio Installation Performance Check
Transmitter Check
Description
A miniature RF Meter which can be used to show the presence of a Radio Signal.
Briefly press the power switch and the LED bargraph shows the RF activity within the local environment.
The peak signal is held for 1 second. This can be invaluable when installing a Radio system to determine if other
RF signals are present (interference) and also validate the signal strength of the radio transmitter to be installed.
Green represents a strong RF signal and red represents a weak RF signal.
Technical Specification
Supply Voltage / Current
9V / 20mA (PP3 Battery supplied)
Frequency
Various, see below
Operating Temperature
-0 to + 60
oC
RF sensitivity
-110dBm (typ)
Bandwidth
600KHz
Initial frequency accuracy
±50KHz
Max R.F. input
-20DBm
3dB Bandwidth
+/-400KHz
Dimensions
110mm x 65mm x 24mm (not including Antenna)
Part No
Description
006-315
RF Meter 315MHz
006-433
RF Meter 433.92MHz
006-868
RF Meter 868.35MHz
006-869
RF Meter 869.84MHz
006-915
RF Meter 914.50MHz
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL. England.
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
R F Solutions Ltd is a member of the Low Power Radio Association.


Similar Part No. - 006-869

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
006-8237-XX TEKTRONIX-006-8237-XX Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
More results

Similar Description - 006-869

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM110 ETC2-VM110 Datasheet
44Kb / 2P
   Hand Held Vibration Meter
logo
Toshiba Semiconductor
S-AU57 TOSHIBA-S-AU57 Datasheet
138Kb / 3P
   UHF BAND HAM FA RF POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
SICK AG
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
   HAND-HELD SCANNERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com