Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK15329MTL Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK15329MTL
Description  Audio Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15329MTL Datasheet(HTML) 3 Page - TOKO, Inc

  TK15329MTL Datasheet HTML 1Page - TOKO, Inc TK15329MTL Datasheet HTML 2Page - TOKO, Inc TK15329MTL Datasheet HTML 3Page - TOKO, Inc TK15329MTL Datasheet HTML 4Page - TOKO, Inc TK15329MTL Datasheet HTML 5Page - TOKO, Inc TK15329MTL Datasheet HTML 6Page - TOKO, Inc TK15329MTL Datasheet HTML 7Page - TOKO, Inc TK15329MTL Datasheet HTML 8Page - TOKO, Inc TK15329MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
June 1999 TOKO, Inc.
Page 3
TK15329
A
VCC
50 K
50 K
50 K
50 K
VCC/2
SW6
~
10 kHz
1 Vrms
SW8
10 k
SW7
SW3
V
~
V
_
THD
SW2
SW5
SW4
VCC
33 µF
LH
SW1
SW9
1 kHz
1 Vrms
or
2 Vrms
~
LH
10 µF
10 µF
50 k
50 k
VCC / 2
TEST CIRCUITS AND METHODS
1: The above condition represents 1ch.
2: The above conditions distortion rate of 1-Ach and dynamic range measurement.
3: SW5 is for residual noise measurement.
4: SW8 is for cross talk (ISO or SEP) measurement.
SUPPLY CURRENT (FIGURE 1)
This current is a consumption current with a nonloading
condition.
1) Bias supply to Pin 2, 4, 9, 11. (This condition is the same
with other measurements, omitted from the next for
simplicity)
2) Connect Pin 5 to V
CC, Pin 8 is inthe open condition or low
level.
3) Measure the inflow current to Pin 1 from V
CC.
This
current is the supply current.
Figure 1


Similar Part No. - TK15329MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321M TOKO-TK15321M Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321MTL TOKO-TK15321MTL Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321MTL/321 TOKO-TK15321MTL/321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
More results

Similar Description - TK15329MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
TK15220 TOKO-TK15220 Datasheet
132Kb / 12P
   Audio Analog Switch
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
TK15325 TOKO-TK15325 Datasheet
207Kb / 12P
   Audio Analog Switch
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
   Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
   Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com