Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMT112 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # OMT112
Description  Piezo Ceramic Audio Transducers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OMT112 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  OMT112 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
86
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Diam.
2.0 mm
0.079"
34.0 mm
1.339"
40.0 mm
1.575"
29.5 mm
1.161"
5.2 mm
0.205"
OMT117
OMT126
9.5 mm
0.374"
16.5 mm
1.650"
4.0 mm
0.157"
OMT150
Diam.
2.0 mm
0.079"
29.0 mm
1.142"
34.0 mm
1.339"
24.0 mm
0.945"
9.5 mm
0.374"
OMT110
(OMT126)
(OMT117)
Piezo Ceramic Audio Transducers
External-drive Type
Oscillating Operating
Sound pressure
Current
frequency
voltage
@10cm*
consumption Capacitance
Weight
Model No.
(Hz ±500) (Vp–p max.)
(dB min.)
(mA max.)
(±30% PF)
Tone
Connection
(g)
✔ OMT110
4100
30
90 @ 4.1 kHz
10
25,000
Cont. & Pulse
2 Lead
2.2
✔ OMT112
4000
30
92 @ 4.0 kHz
11
25,000
Cont. & Pulse
2 Pin
2.5
✔ OMT116
2000
30
96 @ 2.0 kHz
8
28,000
Cont. & Pulse
2 Pin
5.6
✔ OMT117
2500
30
97 @ 2.5 kHz
1.5
25,000
Cont. & Pulse
2 Lead
5.0
✔ OMT126
2800
30
92 @ 2.8 kHz
1
18,000
Cont. & Pulse
2 Lead
4.0
✔ OMT130
2800
30
95 @ 2.8 kHz
10
18,000
Cont. & Pulse
2 Pin
5.0
✔ OMT150
5000
15
87 @ 5.0 kHz
11
21,000
Cont. & Pulse
2 Lead
1.0
✔ OMT152
5000
15
87 @ 5.0 kHz
11
21,000
Cont. & Pulse
2 Pin
1.0
✔ OMT160
4000
20
76 @ 4.0 kHz
10
13,500
Cont. & Pulse
2 Pin
2.0
✔ OMT162
4000
20
76 @ 4.0 kHz
1
13,500
Cont. & Pulse
2 Pin
2.0
* 10VP-P square wave
FEATURES
• Small size and lightweight
• PC mounting or flange mounting
with lead wires
• Low power consumption
• High efficiency
• OMT162 wave solderable and
washable
• Operating temperature
-20°C~60°C; storage tempera-
ture -30°C~70°C (OMT160 &
162: -30°C~70°C operating; -
30°C~80°C storage)
14.0 mm
0.551"
OMT160 (unsealed)
OMT162 (sealed)
6.8 mm
0.268"
4.3 mm
0.169"
16.5 mm
0.650"
OMT152
7.0 mm
0.276"
6.5 mm
0.256"
24.0 mm
0.945"
OMT112
7.5 mm
0.295"
6.0 mm
0.236"
29.6 mm
1.165"
OMT130
7.5 mm
0.295"
5.5 mm
0.217"
30.0 mm
1.181"
OMT116
10.0 mm
0.394"
6.0 mm
0.236"
= Most popular stock values
✔ = Stock values
✜ = Non–stock values subject to mini-
mum handling charge per item
This product has been
DISCONTINUED


Similar Part No. - OMT112

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OMT100-R100-2EP-IO PF-OMT100-R100-2EP-IO Datasheet
430Kb / 4P
   Distance sensor
OMT100-R100-2EP-IO-L PF-OMT100-R100-2EP-IO-L Datasheet
598Kb / 4P
   Distance sensor
OMT100-R100-2EP-IO-V31 PF-OMT100-R100-2EP-IO-V31 Datasheet
458Kb / 4P
   Distance sensor
OMT100-R100-2EP-IO-V31-L PF-OMT100-R100-2EP-IO-V31-L Datasheet
626Kb / 4P
   Distance sensor
OMT100-R100-EP-IO-V3 PF-OMT100-R100-EP-IO-V3 Datasheet
472Kb / 4P
   Distance sensor
More results

Similar Description - OMT112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPM121 ETC2-EPM121 Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
logo
CUI INC
CPS-3016-105L085 CUI-CPS-3016-105L085 Datasheet
347Kb / 4P
   PIEZO BUZZER TRANSDUCERs
01/08/2020
CPE-1785 CUI-CPE-1785 Datasheet
179Kb / 4P
   PIEZO AUDIO TRANSDUCER
CPE-827 CUI-CPE-827 Datasheet
225Kb / 5P
   piezo audio transducer
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
   piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
   piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
   piezo audio transducer
CEP-1136 CUI-CEP-1136 Datasheet
671Kb / 4P
   piezo audio indicator
CEP-2202A CUI-CEP-2202A Datasheet
246Kb / 5P
   piezo audio indicator
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
   piezo audio transducer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com