Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM20-CAB232 Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # GSM20-CAB232
Description  GSM & GPRS MODEM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM20-CAB232 Datasheet(HTML) 9 Page - rfsolutions.ltd

Back Button GSM20-CAB232 Datasheet HTML 5Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 6Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 7Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 8Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 9Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 10Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 11Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 12Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 13Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 9
GSM100 USERS MANUAL
CHAPTER 2
INSTALLATION
2.1 Mounting the modem
Use 2 pcs of M3 screw to mount the modem
When using optional DIN rail mount please refer to document “Installation of DIN rail mount”
Bottom view
2.2 Installing the SIM card
Use a ball pen or paper clip to press the SIM holder eject button. The SIM holder will come out a little. Then take
out the SIM holder.
Note : DO NOT pull out the SIM holder without pushing the eject button.
Put the SIM card to the tray, make sure it has completely sit on the tray. Put the tray back into the slot.
2.3 Connecting the external antenna (SMA type)
Connect this to an external antenna with SMA male connector. Make sure the antenna is for the GSM900/1800
frequency with impedance of 50ohm, and also connector is secured tightly.
Note : Please use antenna designed for GSM 900/1800 Mhz operation. Incorrect antenna will affect communication
and even damage the modem.
S
Sc
crre
ew
w m
mo
ou
un
nttiin
ng
g s
sllo
ott
S
SM
MA
A m
ma
alle
e c
co
on
nn
ne
ec
ctto
orr o
off
a
an
ntte
en
nn
na
a c
ca
ab
blle
e
s
se
ec
cu
urre
e ttiig
gh
httlly
y


Similar Part No. - GSM20-CAB232

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM20-ANT RFSOLUTIONS-GSM20-ANT Datasheet
900Kb / 10P
   LOW COST GSM MODEM
More results

Similar Description - GSM20-CAB232

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
logo
RF Micro Devices
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
   GSM/GPRS/EDGE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com