Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM20-CAB232 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # GSM20-CAB232
Description  GSM & GPRS MODEM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GSM20-CAB232 Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button GSM20-CAB232 Datasheet HTML 2Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 3Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 4Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 5Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 6Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 7Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 8Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 9Page - rfsolutions.ltd GSM20-CAB232 Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS020-7 Oct ‘06
©2006 REG No 277 4001, ENGLAND.
Page 6
GSM100 USERS MANUAL
1.2.3. 15-PIN D-SUB Female connector (RS232 / Audio)
-
The connector provides serial link and audio link to the modem.
Pin number
Name
EIA designation
Type
Note
1
DCD
Data Carrier Detect
Output
2
TX
Transmit Data
Input
3
BOOT
Input
Not used
4
MICROPHONE (+)
Input
5
MICROPHONE (-)
Input
6
RX
Receive Data
Output
7
DSR
Data Set Ready
Output
8
DTR
Data Terminal Ready
Input
9
GND
Ground
Ground
10
SPEAKER(+)
Output
11
CTS
Clear to Send
Output
12
RTS
Request to Send
Input
13
RI
Ring Indicator
Output
14
RESET
Input
Pull low to reset
15
SPEAKER(-)
Output
Specification of microphone and speaker to be connected :
Parameters
Min
Typical
Max
Remark
Microphone current @2V / 2K Ohm
0.5 mA
Microphone input level
100
mVpp
Speaker output current 150 Ohm/
1nF
16mA
Speaker impedance
32ohm
Please refer to the document “Application notes - Power supply & Audio” for more information of audio connection.
1.2.4. 4-PIN modem socket (Power, Input / Output)
Pin assignment of 4-pin connector
Pin number
Name
Functions
1
I/O
Input / Output port
2
~INTR
Interrupt function triggered by pulling this pin to
ground or LOW level; reserved for additional
functions with new firmware
3
POWER -
DC power negative input
4
POWER +
DC power positive input


Similar Part No. - GSM20-CAB232

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM20-ANT RFSOLUTIONS-GSM20-ANT Datasheet
900Kb / 10P
   LOW COST GSM MODEM
More results

Similar Description - GSM20-CAB232

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
logo
RF Micro Devices
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
   GSM/GPRS/EDGE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com