Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD95710MUV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD95710MUV-E2
Description  2Phase Switching Regulator Controllers for Graphic Card
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95710MUV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD95710MUV-E2 Datasheet HTML 6Page - Rohm BD95710MUV-E2 Datasheet HTML 7Page - Rohm BD95710MUV-E2 Datasheet HTML 8Page - Rohm BD95710MUV-E2 Datasheet HTML 9Page - Rohm BD95710MUV-E2 Datasheet HTML 10Page - Rohm BD95710MUV-E2 Datasheet HTML 11Page - Rohm BD95710MUV-E2 Datasheet HTML 12Page - Rohm BD95710MUV-E2 Datasheet HTML 13Page - Rohm BD95710MUV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
BD95710MUV
Technical Note
10/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
6. Setting output voltage
The output voltage is REFIN/EN = VOUT when VOUT is tied to the FB directly. The range of VOUT is 0.4V ~ 3.3V.
REFIN/EN
The output voltage is calculated as follow when resistor divider network is connected between the FB and VOUT.
REFIN/EN set 5Vcc.
Vout =
x 0.6 [V]・・・(12)
7. Frequency Setting Resistance
The Frequency at steady state is determined by resistance value connected to RT pin.
But actual PHASE rising time and falling time are factored in due to the external MOSFET gate capacity or switching speed.
As a result, On-Time increases.
The frequency is determined by the following formula.
Consequently, total frequency becomes lower than the formula above.
On-Time increases by Dead Time on the condition of zero cross point of inductor current. And also switching frequency
increases as the output current increases due to the fixed On-Time and the influence of conduction loss.
It is recommended that switching frequency be checked on large current condition (at the point where the inductor current
doesn’t become reversed from Vout).
FB
H
3RegTM
CONTROLLA
S
RQ
Driver
Circuit
VIN
VOUT
BUSEN
R1+R2
R2
f [Hz]=
×
10
-12×REFIN/EN×RRT
VIN
・・・
(13)
H
3RegTM
CONTROLLA
S
RQ
Driver
Circuit
VIN
VOUT
BUSEN
FB
R1
R2
0.6V
VOUT
Ton
1
Ton =
+ 170×10
-9
2×BUSEN
Ton : ON TIME


Similar Part No. - BD95710MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95700MUV-E2 ROHM-BD95700MUV-E2 Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV-E2 ROHM-BD9575FV-E2 Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
More results

Similar Description - BD95710MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
BD9560MUV ROHM-BD9560MUV_10 Datasheet
549Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Sanyo Semicon Device
2SC3150 SANYO-2SC3150 Datasheet
94Kb / 3P
   For Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com