Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BD9874CP-V5 Datasheet(PDF) 2 Page - Rohm

Part No. BD9874CP-V5
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

 
 2 page
background image
BD9873CP-V5,BD9874CP-V5
Technical Note
2/12
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operating Conditions(Ta=-40~+85℃)
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
Input Voltage
VCC
8.0
-
35.0
V
Output Voltage
Vo
1.0
-
0.8×
(VCC-Io×
Ron)
V
Electrical Characteristics(Unless otherwise noted, Ta=25℃,Vcc=12V,Vo=5V,STBY=3V)
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
Output ON Resistance
Ron
-
1.0
1.5
Ω
BD9873
-
0.5
1.0
Ω
BD9874
Efficiency
η
80
88
-
Io=0.5A
Switching Frequency
fosc
99
110
121
kHz
Load Regulation
Δ
VOLOAD
-
5
40
mV
Vcc=20V,
Io=0.5~1.5A
BD9873
-
5
40
mV
Vcc=20V,
Io=1.0~3.0A
BD9874
Line Regulation
ΔVOLINE
-
5
25
mV
Vcc=10~30V,
Io=1.0A
Over Current Protection
Limit
Iocp
1.6
-
-
A
BD9873
3.2
-
-
A
BD9874
Over Current Protection
Limit
VINV
0.985
1.00
1.015
V
INV Pin Input Current
IINV
-
1
2
μ
A
VINV=1.0V
STBY
Pin
Threshold
Voltage
ON
VSTBYON
2.0
-
VCC
V
OFF
VSTBYOFF
-0.3
-
0.3
V
STBYPin Input Current
Istby
5
15
30
μA
STBY=3V
Circuit Current
Icc
-
5
12
mA
INV=2V
Stand-by Current
Ist
-
0
5
μ
A
STBY=0V
Soft Start Time
Tss
-
4
20
ms
STBY=0→3V
This product is not designed to be resistant to radiation.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl