Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9540EFV Datasheet(PDF) 8 Page - Rohm

Part # BD9540EFV
Description  2ch Switching Regulators for Desktop PC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9540EFV Datasheet(HTML) 8 Page - Rohm

Back Button BD9540EFV Datasheet HTML 4Page - Rohm BD9540EFV Datasheet HTML 5Page - Rohm BD9540EFV Datasheet HTML 6Page - Rohm BD9540EFV Datasheet HTML 7Page - Rohm BD9540EFV Datasheet HTML 8Page - Rohm BD9540EFV Datasheet HTML 9Page - Rohm BD9540EFV Datasheet HTML 10Page - Rohm BD9540EFV Datasheet HTML 11Page - Rohm BD9540EFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BD9540EFV
Technical Note
8/17
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Explanation of Operation
The BD9540EFV is a 2ch switching regulator controller incorporating ROHM’s proprietary H
3RegTM CONTROLLA control
system. When VOUT drops due to a rapid load change, the system quickly restores VOUT by extending the TON time
interval.
H
3RegTM control
(Normal operation)
(VOUT drops due to a rapid load change)
Timing Chart
Soft Start Function
Rush current:
IIN =
Co×VOUT
1ms
[A]
tON=
VOUT
VIN
×
1
f
[sec]・・・(1)
・・・
(2)
When FB falls below the threshold voltage (REF), a drop
is detected, activating the H
3RegTM CONTROLLA system.
HG output is determined by the formula above. (See P13)
LG output operates until FB voltage falls below REF
voltage after HG becomes OFF.
When FB (VOUT) drops due to a rapid load change, and the
voltage remains below REF after the programmed tON time
interval has elapsed, the system quickly restores VOUT by
extending the tON time, improving transient response.
Soft start is utilized when the EN pin is set high. Current
control takes effect at startup, enabling a moderate
“ramping start” on the output voltage. Soft start time is
1msec. And input current is determined via formula
(2) below.
(Co: All capacitors connected with VOUT)
FB
REF
HG
LG
EN
IIN
1msec
VOUT
FB
REF
HG
Io
LG


Similar Part No. - BD9540EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9540EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com