Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9540EFV Datasheet(PDF) 10 Page - Rohm

Part # BD9540EFV
Description  2ch Switching Regulators for Desktop PC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9540EFV Datasheet(HTML) 10 Page - Rohm

Back Button BD9540EFV Datasheet HTML 6Page - Rohm BD9540EFV Datasheet HTML 7Page - Rohm BD9540EFV Datasheet HTML 8Page - Rohm BD9540EFV Datasheet HTML 9Page - Rohm BD9540EFV Datasheet HTML 10Page - Rohm BD9540EFV Datasheet HTML 11Page - Rohm BD9540EFV Datasheet HTML 12Page - Rohm BD9540EFV Datasheet HTML 13Page - Rohm BD9540EFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BD9540EFV
Technical Note
10/17
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
External Component Selection
1. Inductor (L) selection
Passing a current larger than the inductor’s rated current will cause magnetic saturation in the inductor and decrease
system efficiency. When selecting an inductor, be sure to allow enough margin to assure that peak current does not
exceed the inductor’s rated current value.
To minimize possible inductor damage and maximize efficiency, choose a inductor with a low (DCR, ACR) resistance.
2. Output Capacitor (CO) Selection
Also, give due consideration to the conditions in formula (7) below for output capacitance, bearing in mind that output rise
time must be established within the soft start time frame:
Note: an improper output capacitor may cause startup malfunctions.
3. Input Capacitor (Cin) Selection
A low-ESR capacitor is recommended to reduce ESR loss and maximize efficiency.
Δ
IL=
(VIN-VOUT)×VOUT
L×VIN×f
[A]・・・(3)
ΔIL=0.3×IOUTmax. [A]・・・(4)
L=
(VIN -VOUT)×VOUT
Δ
IL×VIN×f
[H]・・・(5)
Δ
VOUT=ΔIL×ESR+ESL×ΔIL/TON・・・(6)
Co≦
1ms×(Limit-IOUT)
VOUT
・・・
(7)
Input Capacitor
IRMS=IOUT×
VOUT (VIN-VOUT)
VIN
[A]・・・(8)
Where VIN=2×VOUT, IRMS=
IOUT
2
Δ
IL
VIN
IL
L
Co
VOUT
Output Ripple Current
VIN
L
Co
VOUT
ESR
Output Capacitor
VIN
L
Co
VOUT
Cin
ESL
The inductance value has a major influence on output ripple current.
As formula (3) below indicates, the greater the inductance or
switching frequency, the lower the ripple current.
The proper output ripple current setting is about 30% of maximum
output current.
(ΔIL: output ripple current; f: switch frequency)
When determining a proper output capacitor, be sure to factor in the equivalent
series resistance and equivalent series inductance required to set the output ripple
voltage to 20mV or more. Also, make sure the capacitor’s voltage rating is high
enough for the set output voltage (including ripple).
Output ripple voltage is determined as in formula (6) below.
(ΔIL: Output ripple current; ESR: CO equivalent series resistance,
ESL: equivalent series inductance)
Tss: Soft start time
Limit: Over current detection
IOUT : Output current
In order to prevent transient spikes in voltage, the input capacitor selected must
have a low enough ESR resistance to fully support a large ripple current on the
output. The formula for ripple current IRMS is given in equation (8) below:
LG
SW
HG
LG
SW
HG
LG
SW
HG


Similar Part No. - BD9540EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9540EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com