Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK15325MTL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK15325MTL
Description  Audio Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15325MTL Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK15325MTL Datasheet HTML 4Page - TOKO, Inc TK15325MTL Datasheet HTML 5Page - TOKO, Inc TK15325MTL Datasheet HTML 6Page - TOKO, Inc TK15325MTL Datasheet HTML 7Page - TOKO, Inc TK15325MTL Datasheet HTML 8Page - TOKO, Inc TK15325MTL Datasheet HTML 9Page - TOKO, Inc TK15325MTL Datasheet HTML 10Page - TOKO, Inc TK15325MTL Datasheet HTML 11Page - TOKO, Inc TK15325MTL Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8
June 1999 TOKO, Inc.
TK15325
-70
SEPARATION
vs. FREQUENCY
f (kHz)
-110
0.1
1
10
100
-90
-100
-80
-60
CONTROL THRESHOLD VS.
TEMPERATURE
TA (°C)
0
-20
0
20
40
60
80
1
0.5
1.5
VOLTAGE GAIN VS.
TEMPERATURE
TA (°C)
-20
0
20
40
60
80
0
-.1
+.1
TYPICAL PERFORMANCE CHARACTERISTICS
V
CC = 8 V, TA = 25 °C, unless otherwise specified.
1
4
SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
0
0
±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8
3
2
5
0.1
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
f (kHz)
0.001
0.1
1
10
100
0.01
0.1
TOTAL HARMONIC DISTORTION
vs. LOAD RESISTANCE
RL (kΩ)
0.001
0.1
1
10
100
0.01
5
DYNAMIC RANGE
vs. SUPPLY VOLTAGE
VCC (V)
0
0
±1 ±2 ±3 ±4 ±5 ±6 ±7 ±8
1
2
3
4
2
DYNAMIC RANGE
vs. LOAD RESISTANCE
RL (kΩ)
0
0.1
1
10
100
1
-70
ISOLATION
vs. FREQUENCY
f (kHz)
-110
0.1
1
10
100
-90
-100
-80
-60


Similar Part No. - TK15325MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321M TOKO-TK15321M Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321MTL TOKO-TK15321MTL Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321MTL/321 TOKO-TK15321MTL/321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
More results

Similar Description - TK15325MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
TK15220 TOKO-TK15220 Datasheet
132Kb / 12P
   Audio Analog Switch
TK15329 TOKO-TK15329 Datasheet
209Kb / 16P
   Audio Analog Switch
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
   Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
   Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com