Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8312HFN Datasheet(PDF) 1 Page - Rohm

Part # BD8312HFN
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN Datasheet(HTML) 1 Page - Rohm

  BD8312HFN Datasheet HTML 1Page - Rohm BD8312HFN Datasheet HTML 2Page - Rohm BD8312HFN Datasheet HTML 3Page - Rohm BD8312HFN Datasheet HTML 4Page - Rohm BD8312HFN Datasheet HTML 5Page - Rohm BD8312HFN Datasheet HTML 6Page - Rohm BD8312HFN Datasheet HTML 7Page - Rohm BD8312HFN Datasheet HTML 8Page - Rohm BD8312HFN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/14
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Single-chip Type with Built-in FET Switching Regulator Series
Output 1.5A or Less High-efficiency
Step-down Switching Regulator
with Built-in Power MOSFET
BD8312HFN
Description
ROHM’s Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET BD8312HFN
produces step-down output including 1.2, 1.8, 3.3, or 5 V from 4 batteries, batteries such as Li2cell or Li3cell, etc. or a 5V/12V
fixed power supply line.
This IC allows easy production of small power supply by a wide range of external constants, and is equipped with an external
coil/capacitor downsized by high frequency operation of 1.5 MHz, built-in synchronous rectification SW capable of
withstanding 15 V, and flexible phase compensation system on board.
Features
1) Incorporates Pch/Nch synchronous rectification SW capable of withstanding 1.0 A/15V.
2) Incorporates phase compensation device between input and output of Error AMP.
3) Small coils and capacitors to be used by high frequency operation of 1.5MHz
4) Input voltage 3.5 V – 14 V
Output current 1.2 – 12 V 800mA
5) Incorporates soft-start function.
6) Incorporates timer latch system short protecting function.
7) As small as 2.9mm×3 mm, SON 8-pin package
HSON8
Application
For portable equipment like DSC/DVC powered by 4 dry batteries or Li2cell and Li3cell, or general consumer-equipment
with 5 V/12 V lines
Operating Conditions (Ta = 25℃)
Parameter
Symbol
Voltage circuit
Unit
Power supply voltage
VCC
3.5 to 14
V
Output voltage
VOUT
1.2 to 12
V
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Maximum applied power voltage
VCC, PVCC
15
V
Maximum input current
Iinmax
1.0
A
Power dissipation
Pd
630
mW
Operating temperature range
Topr
25 to +85
Storage temperature range
Tstg
55 to +150
Junction temperature
Tjmax
+150
*1 When used at Ta = 25℃ or more installed on a 70×70×1.6
tmm board, the rating is reduced by 5.04mW/℃.
* These specifications are subject to change without advance notice for modifications and other reasons.
No.09027EBT04


Similar Part No. - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com