Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8311NUV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD8311NUV-E2
Description  High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8311NUV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD8311NUV-E2 Datasheet HTML 7Page - Rohm BD8311NUV-E2 Datasheet HTML 8Page - Rohm BD8311NUV-E2 Datasheet HTML 9Page - Rohm BD8311NUV-E2 Datasheet HTML 10Page - Rohm BD8311NUV-E2 Datasheet HTML 11Page - Rohm BD8311NUV-E2 Datasheet HTML 12Page - Rohm BD8311NUV-E2 Datasheet HTML 13Page - Rohm BD8311NUV-E2 Datasheet HTML 14Page - Rohm BD8311NUV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BD8311NUV
Technical Note
11/15
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
(4) DC/DC converter frequency response adjustment system
Condition for stable application
The condition for feedback system stability under negative feedback is that the phase delay is 135 °or less when gain is 1 (0 dB).
Since DC/DC converter application is sampled according to the switching frequency, the bandwidth GBW of the whole
system (frequency at which gain is 0 dB) must be controlled to be equal to or lower than 1/10 of the switching frequency.
In summary, the conditions necessary for the DC/DC converter are:
- Phase delay must be 135°or lower when gain is 1 (0 dB).
- Bandwidth GBW (frequency when gain is 0 dB) must be equal to or lower than 1/10 of the switching frequency.
To satisfy above two items, R1, R2, R3, DS and RS in Fig. 34 should be set as follows.
[1] R1, R2, R3
BD8311NUV incorporates phase compensation devices of
R4=62 kΩ and C2=200pF. These C2 and R1, R2, and R3
values decide the prim ary pole that determines the
bandwidth of DC/DC converter.
Primary pole point frequency
DC/DC converter DC Gain
By Equations (1) and (2), the frequency fsw of point 0 dB under limitation of the bandwidth of the DC gain at the primary
pole point is as shown below.
fSW = fp×DC Gain =
It is recommended that fsw should be approx.10 kHz. When load response is difficult, it may be set at approx. 20 kHz.
By this setting, R1 and R2, which determine the voltage value, will be in the order of several hundred kΩ. Therefore, if an
appropriate resistance value is not available and routing may cause noise, the use of R3 enables easy setting.
Fig.34 Example of phase compensation setting
FB
VOUT
C2
R1
R2
Rs
R4
Cs
R3
Inside of IC
A: ERROR AMP Gain
About 100dB = 10
5
B: Oscillator amplification = 0.5
VIN:
Input voltage
VOUT: Output voltage
················(2)
2π A×(
+R3)×C2
fp=
1
R1・R2
R1+R2
DC Gain =A×
×
VOUT-VIN
B
1
VOUT
2πC2×(
+R3 )
(R1+R2)
(R1・R2)
1
×
×
VOUT-VIN
B
1
VOUT
················ (1)
················(3)


Similar Part No. - BD8311NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV-E2 ROHM-BD8311NUV-E2 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV-E2 ROHM-BD8311NUV-E2 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
More results

Similar Description - BD8311NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com