Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-156Y-XD-T Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OLS-156Y-XD-T
Description  Series 156 - 1206 low current low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-156Y-XD-T Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OLS-156Y-XD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-156Y-XD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-156Y-XD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-156Y-XD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-156Y-XD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
0
30
60
90
120
150
180
0,0
0,5
1,0
view angle
1
10
1,6
1,7
1,8
1,9
2,0
2,1
2,2
SD
G
Y
D
R
UF (V)
UF – IF
characteristic
1
2
3
4
5
6
7
8
9
10
11
0,2
0,4
0,6
0,8
1,0
1,2
D
Y
G
SD
R
IF (mA)
IF – Iv, rel
characteristic


Similar Part No. - OLS-156Y-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-156BB460 OSA-OLS-156BB460 Datasheet
419Kb / 7P
   devices are ROHS and REACH conform
OLS-156HD-C-T OSA-OLS-156HD-C-T Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HD-C-TD OSA-OLS-156HD-C-TD Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HD-CD-T OSA-OLS-156HD-CD-T Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-156HD-CD-TD OSA-OLS-156HD-CD-TD Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
More results

Similar Description - OLS-156Y-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-156HYG OSA-OLS-156HYG Datasheet
121Kb / 5P
   Series 156 - 1206 low current green 572 nm
OLS-156UR OSA-OLS-156UR Datasheet
121Kb / 5P
   Series 156 - 1206 low current red 650 nm
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-150R OSA-OLS-150R Datasheet
129Kb / 5P
   Series 150 - 1206 Standard low cost
OLS-250R OSA-OLS-250R Datasheet
129Kb / 5P
   Series 250 - 1206 lower height low cost
OLS-330R OSA-OLS-330R Datasheet
134Kb / 5P
   Series 330 - 1206 with Lens low cost
OLS-152R OSA-OLS-152R Datasheet
130Kb / 5P
   Series 152 - 1206 - Bipolar monocolor low cost
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-216R OSA-OLS-216R Datasheet
126Kb / 5P
   Series 216 - side view - low current low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com