Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11930MTL Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK11930MTL
Description  VOLTAGE REGULATOR WITH RESET OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11930MTL Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK11930MTL Datasheet HTML 5Page - TOKO, Inc TK11930MTL Datasheet HTML 6Page - TOKO, Inc TK11930MTL Datasheet HTML 7Page - TOKO, Inc TK11930MTL Datasheet HTML 8Page - TOKO, Inc TK11930MTL Datasheet HTML 9Page - TOKO, Inc TK11930MTL Datasheet HTML 10Page - TOKO, Inc TK11930MTL Datasheet HTML 11Page - TOKO, Inc TK11930MTL Datasheet HTML 12Page - TOKO, Inc TK11930MTL Datasheet HTML 13Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
January 1999 TOKO, Inc.
Page 9
TK119xx
TK11950 ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = 6.0 V, CL = 10 µF, CN = 0.01 µF, TA = 25 °C, unless otherwise specified.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
I
T
U
O
A
m
0
=0
4
10
0
3A
µ
V
N
I
I
,
V
0
.
4
=
T
U
O
A
m
0
=0
8
30
0
9A
µ
I
D
N
G
t
n
e
r
r
u
C
d
n
u
o
r
GI
T
U
O
A
m
0
6
=5
.
20
1A
m
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
SF
F
O
t
u
p
t
u
O5
90
6
1A
µ
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
I
T
U
O
T
,
A
m
1
=
A
C
°
5
2
=5
7
8
.
40
0
0
.
55
2
1
.
5V
I
T
U
O
0
3
-
,
A
m
1
=
≤ T
A
C
°
0
85
2
8
.
40
0
0
.
55
7
1
.
5V
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
DI
T
U
O
A
m
0
3
=0
6
10
5
3V
m
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
0
0
1A
m
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
LV
N
I
V
0
.
5
1
o
t
0
.
6
=5
0
5V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
LI
T
U
O
A
m
0
8
o
t
1
=0
20
0
1V
m
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
2
.
0
±C
°
/
V
m
R
Rn
o
i
t
c
e
j
e
R
e
l
p
p
i
RC
,
z
H
0
0
4
=
f
L
F
µ
0
1
=8
6B
d
V
O
N
e
g
a
t
l
o
V
e
s
i
o
N
t
u
p
t
u
O
z
H
0
1
≤ f ≤
C
,
z
H
k
0
0
1
L
,
F
µ
0
1
=
C
N
F
µ
1
0
.
0
=
0
5s
m
r
V
µ
V
T
E
D
d
l
o
h
s
e
r
h
T
r
o
t
c
e
t
e
D
e
g
a
t
l
o
V
w
o
L
V
T
U
O
5
9
.
0
xV
V
)
R
R
E
(
T
E
D
d
l
o
h
s
e
r
h
T
r
o
t
c
e
t
e
D
e
g
a
t
l
o
V
e
c
n
a
r
e
l
o
T
4
-V
T
E
D
4
+%
V
T
E
S
E
R
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
SI
G
A
L
F
A
µ
0
0
1
=2
.
04
.
0V
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
I
T
N
O
C
t
n
e
r
r
u
C
l
a
n
i
m
r
e
T
l
o
r
t
n
o
C
V
T
N
O
C
V
5
=5
20
0
1A
µ
V
T
N
O
C
V
6
1
=5
40
5
1A
µ
V
)
N
O
(
T
N
O
C
)
N
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
CN
O
t
u
p
t
u
O6
.
0V
V
)
F
F
O
(
T
N
O
C
)
F
F
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
CF
F
O
t
u
p
t
u
O4
.
2V
T
R
e
m
i
T
e
s
i
R
t
u
p
t
u
O
)
N
O
o
t
F
F
O
(
I
T
U
O
C
,
A
m
0
3
=
L
,
F
µ
1
.
0
=
C
N
F
µ
1
.
0
=
0
5s
µ


Similar Part No. - TK11930MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900M TOKO-TK11900M Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900MTL TOKO-TK11900MTL Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900MTL/GO TOKO-TK11900MTL/GO Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK11930MTL

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
logo
RICOH electronics devic...
R1151N RICOH-R1151N Datasheet
265Kb / 26P
   Boost type Voltage Regulator with Reset
logo
New Japan Radio
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com