Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD04N60Z-1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NDD04N60Z-1G
Description  N-Channel Power MOSFET 1.8 , 600 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD04N60Z-1G Datasheet(HTML) 6 Page - ON Semiconductor

  NDD04N60Z-1G Datasheet HTML 1Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 2Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 3Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 4Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 5Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 6Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 7Page - ON Semiconductor NDD04N60Z-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NDF04N60Z, NDP04N60Z, NDD04N60Z
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−220 FULLPAK
CASE 221D−03
ISSUE J
STYLE 1:
PIN 1. GATE
2. DRAIN
3. SOURCE
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.617
0.635
15.67
16.12
INCHES
B
0.392
0.419
9.96
10.63
C
0.177
0.193
4.50
4.90
D
0.024
0.039
0.60
1.00
F
0.116
0.129
2.95
3.28
G
0.100 BSC
2.54 BSC
H
0.118
0.135
3.00
3.43
J
0.018
0.025
0.45
0.63
K
0.503
0.541
12.78
13.73
L
0.048
0.058
1.23
1.47
N
0.200 BSC
5.08 BSC
Q
0.122
0.138
3.10
3.50
R
0.099
0.117
2.51
2.96
S
0.092
0.113
2.34
2.87
U
0.239
0.271
6.06
6.88
−B−
−Y−
G
N
D
L
K
H
A
F
Q
3 PL
12 3
M
B
M
0.25 (0.010)
Y
SEATING
PLANE
−T−
U
C
S
J
R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH
3. 221D-01 THRU 221D-02 OBSOLETE, NEW
STANDARD 221D-03.
TO−220AB
CASE 221A−09
ISSUE AE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 5:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.014
0.025
0.36
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J


Similar Part No. - NDD04N60Z-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD04N60Z-1G ONSEMI-NDD04N60Z-1G Datasheet
140Kb / 9P
   N-Channel Power MOSFET 600 V, 2.0 Ohm
June, 2013 ??Rev. 8
NDD04N60Z-1G ONSEMI-NDD04N60Z-1G Datasheet
144Kb / 9P
   N-Channel Power MOSFET
January, 2015 ??Rev. 9
logo
VBsemi Electronics Co.,...
NDD04N60Z-1G VBSEMI-NDD04N60Z-1G Datasheet
1Mb / 9P
   N-Channel 650V (D-S)Power MOSFET
logo
Inchange Semiconductor ...
NDD04N60Z-1G ISC-NDD04N60Z-1G Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com