Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5212A Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5212A
Description  Single Synchronous Step-Down Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5212A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5212A Datasheet HTML 4Page - ON Semiconductor NCP5212A Datasheet HTML 5Page - ON Semiconductor NCP5212A Datasheet HTML 6Page - ON Semiconductor NCP5212A Datasheet HTML 7Page - ON Semiconductor NCP5212A Datasheet HTML 8Page - ON Semiconductor NCP5212A Datasheet HTML 9Page - ON Semiconductor NCP5212A Datasheet HTML 10Page - ON Semiconductor NCP5212A Datasheet HTML 11Page - ON Semiconductor NCP5212A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCP5212A, NCP5212T
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS (VIN = 12 V, VCC = VCCP = 5 V, TA =−40°C to 85°C, unless other noted)
Characteristics
Unit
Max
Typ
Min
Test Conditions
Symbol
OVERCURRENT PROTECTION SETTING
Adjustable OC Threshold
V_OCTH
((CS+)−(CS−))
(CS+) – (CS−),
During OC
threshold, set a
voltage at pin
OCP
VOCSET =
200 mV
15
20
25
mV
VOCSET =
600 mV
52
60
68
GATE DRIVERS
DH Pull−HIGH Resistance
RH_DH
200 mA Source current
1
W
DH Pull−LOW Resistance
RL_DH
200 mA Sink current
1
W
DL Pull−HIGH Resistance
RH_DL
200 mA Source current
1
W
DL Pull−LOW Resistance
RL_DL
200 mA Sink current
0.5
W
DH Source Current
Isource_DH
(Note 2)
2.5
A
DH Sink Current
Isink_DH
(Note 2)
2.5
A
DL Source Current
Isource_DL
(Note 2)
2.5
A
DL Sink Current
Isink_DL
(Note 2)
5
A
Dead Time
TD_LH
DL−off to DH−on (Note 2)
20
ns
TD_HL
DH−off to DL−on (Note 2)
20
ns
Negative Current Detection Threshold
NCD_TH
SWN − PGND, at EN = 5 V
−1
mV
SWN source leakage
ISWN_SD
EN = 0 V, SWN = 0 V
1
mA
Internal Resistor from DH to SWN
R_DH_SWN
(Note 2)
100
kW
CONTROL SECTION
EN Logic Input Voltage for Disable
VEN_Disable
Set as Disable
0.7
1.0
1.3
V
Hysteresis
150
200
250
mV
EN Logic Input Voltage for MASTER
Mode
VEN_Master
Set as Master Mode
1.7
1.95
2.25
V
EN Logic Input Voltage for SLAVE
Mode
VEN_Slave
Set as Slave Mode
2.4
2.65
2.9
V
Hysteresis
100
175
250
mV
EN Source Current
IEN_SOURCE
VEN = 0 V
0.1
mA
EN Sink Current
IEN_SINK
VEN = 5 V
0.1
mA
PGOOD Pin ON Resistance
PGOOD_R
I_PGOOD = 5 mA
100
W
PGOOD Pin OFF Current
PGOOD_LK
1
mA
SYNC CONTROL
SYNC pin leakage
ISYNC_LK
Set as Slave Mode, SYNC = 5 V
1
uA
SYNC frequency
F_SYNC
(Note 2)
1.2
MHz
Pulse Width
PW_SYNC
(Note 2)
416
ns
Clock Level Low
V_CLKL
(Note 2)
0
V
Clock Level High
V_CLKH
(Note 2)
5
V
SYNC Driving Capability
SYNC_CL
Set as Master Mode, load capacitor
between SYNC and GND (Note 2)
20
pF
SYNC Source Current
ISYNC
SYNC shorts to ground
20
mApp
OUTPUT DISCHARGE MODE
Output Discharge On−Resistance
Rdischarge
EN = 0 V
20
35
W
Threshold for Discharge Off
Vth_DisOff
0.2
0.3
0.4
V
2. Guaranteed by design, not tested in production.


Similar Part No. - NCP5212A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP5212AMNTXG ONSEMI-NCP5212AMNTXG Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
More results

Similar Description - NCP5212A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com