Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT8900A125TBIT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT8900A125TBIT3
Description  Precision Analog Voltage References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT8900A125TBIT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT8900A125TBIT3 Datasheet HTML 1Page - ON Semiconductor CAT8900A125TBIT3 Datasheet HTML 2Page - ON Semiconductor CAT8900A125TBIT3 Datasheet HTML 3Page - ON Semiconductor CAT8900A125TBIT3 Datasheet HTML 4Page - ON Semiconductor CAT8900A125TBIT3 Datasheet HTML 5Page - ON Semiconductor CAT8900A125TBIT3 Datasheet HTML 6Page - ON Semiconductor CAT8900A125TBIT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CAT8900
http://onsemi.com
2
Table 1. ORDERING INFORMATION
Orderable Part Number
Accuracy (mV)
VOUT Voltage (V)
(Note 1)
Package
Shipping
CAT8900A102TBIT3
±0.5
1.024
SOT−23
3,000
CAT8900B102TBIT3
±1.0
CAT8900C102TBIT3
±2.5
CAT8900D102TBIT3
±5.0
CAT8900A120TBIT3
±0.5
1.200
SOT−23
3,000
CAT8900B120TBIT3
±1.0
CAT8900C120TBIT3
±2.5
CAT8900D120TBIT3
±5.0
CAT8900A125TBIT3
±0.5
1.250
SOT−23
3,000
CAT8900B125TBIT3
±1.0
CAT8900C125TBIT3
±2.5
CAT8900D125TBIT3
±5.0
CAT8900A180TBIT3
±0.5
1.800
SOT−23
3,000
CAT8900B180TBIT3
±1.0
CAT8900C180TBIT3
±2.5
CAT8900D180TBIT3
±5.0
CAT8900A204TBIT3
±0.5
2.048
SOT−23
3,000
CAT8900B204TBIT3
±1.0
CAT8900C204TBIT3
±2.5
CAT8900D204TBIT3
±5.0
CAT8900A250TBIT3
±0.5
2.500
SOT−23
3,000
CAT8900B250TBIT3
±1.0
CAT8900C250TBIT3
±2.5
CAT8900D250TBIT3
±5.0
CAT8900A260TBIT3
±0.5
2.600
SOT−23
3,000
CAT8900B260TBIT3
±1.0
CAT8900C260TBIT3
±2.5
CAT8900D260TBIT3
±5.0
CAT8900A300TBIT3
±0.5
3.000
SOT−23
3,000
CAT8900B300TBIT3
±1.0
CAT8900C300TBIT3
±2.5
CAT8900D300TBIT3
±5.0
CAT8900A330TBIT3
±0.5
3.300
SOT−23
3,000
CAT8900B330TBIT3
±1.0
CAT8900C330TBIT3
±2.5
CAT8900D330TBIT3
±5.0
1. Contact factory for availability of these and other custom voltages.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - CAT8900A125TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B102TBGT3 ONSEMI-CAT8900B102TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B125TBGT3 ONSEMI-CAT8900B125TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B180TBGT3 ONSEMI-CAT8900B180TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B204TBGT3 ONSEMI-CAT8900B204TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
More results

Similar Description - CAT8900A125TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com