Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1631 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1631
Description  Interleaved, 2-Phase Power Factor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1631 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1631 Datasheet HTML 7Page - ON Semiconductor NCP1631 Datasheet HTML 8Page - ON Semiconductor NCP1631 Datasheet HTML 9Page - ON Semiconductor NCP1631 Datasheet HTML 10Page - ON Semiconductor NCP1631 Datasheet HTML 11Page - ON Semiconductor NCP1631 Datasheet HTML 12Page - ON Semiconductor NCP1631 Datasheet HTML 13Page - ON Semiconductor NCP1631 Datasheet HTML 14Page - ON Semiconductor NCP1631 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NCP1631
http://onsemi.com
11
0,00
50,00
100,00
150,00
200,00
250,00
300,00
350,00
0
2
4
6
8
1012
1416
1820
time (ms)
0,00
0,50
1,00
1,50
2,00
2,50
3,00
3,50
Vin
ton
Figure 8. Input Voltage and On−time vs. Time (example with FSW = 100 kHz, Pin = 150 W, VAC = 230 V, L = 200 mH)
Regulation Block and Low Output Voltage Detection
A trans−conductance error amplifier with access to the
inverting input and output is provided. It features a typical
trans−conductance gain of 200
mS and a typical capability
of
±20 mA. The output voltage of the PFC stage is typically
scaled down by a resistors divider and monitored by the
inverting input (feed−back pin – pin2). The bias current is
minimized (less than 500 nA) to allow the use of a high
impedance feed−back network. The output of the error
amplifier is pinned out for external loop compensation
(pin5). Typically a type−2 compensator is applied between
pin5 and ground, to set the regulation bandwidth below
20 Hz, as need in PFC applications (refer to application
note AND8407).
The swing of the error amplifier output is limited within
an accurate range:
It is forced above a voltage drop (VF) by the “low
clamp” circuitry. When this circuitry is activated, the
power demand is minimum and the NCP1631 enters
skip mode (the controller stops pulsating) until the
clamp is no more active.
It is clamped not to exceed 3.0 V + the same VF
voltage drop.
Hence, Vpin5 features a 3 V voltage swing. Vpin5 is then
offset down by (VF) and further divided before it connects
to the “Vton processing block” and the PWM section.
Finally, the output of the regulation is a signal (“VREGUL
of the block diagram) that varies between 0 and 1.66 V.
Figure 9. Regulation Block
FB
Vcontrol
OFF
Error Amplifier
Vref
0.955*Vref
Vout low
detect
±20 mA
3V
5R
pfcOK
230 mA
VDD
OVLflag1
4R
SKIP
Figure 10. Correspondence Between
VCONTROL and VREGUL
VREGUL
(0.6 V clamp
voltage is activated)


Similar Part No. - NCP1631

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP1631

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1632 ONSEMI-NCP1632 Datasheet
392Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
July, 2017 ??Rev. 0
NCP1632 ONSEMI-NCP1632_18 Datasheet
301Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
January, 2018 ??Rev. 3
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Fairchild Semiconductor
FPAM50LH60 FAIRCHILD-FPAM50LH60 Datasheet
1Mb / 11P
   Smart Power Module for 2-phase Interleaved PFC
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com