Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT8900A120TBIT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT8900A120TBIT3
Description  Precision Analog Voltage References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT8900A120TBIT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT8900A120TBIT3 Datasheet HTML 1Page - ON Semiconductor CAT8900A120TBIT3 Datasheet HTML 2Page - ON Semiconductor CAT8900A120TBIT3 Datasheet HTML 3Page - ON Semiconductor CAT8900A120TBIT3 Datasheet HTML 4Page - ON Semiconductor CAT8900A120TBIT3 Datasheet HTML 5Page - ON Semiconductor CAT8900A120TBIT3 Datasheet HTML 6Page - ON Semiconductor CAT8900A120TBIT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CAT8900
http://onsemi.com
4
TYPICAL CHARACTERISTICS
(VIN = 3.0 V, IOUT = 0 mA, ambient temperature of 25°C, unless specified otherwise.)
Unit 3
Figure 2. Supply Current vs. Input Voltage
Figure 3. Supply Current vs. Input Voltage
Over Temperature
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
350
400
450
500
550
600
650
700
5.5
3.5
5.0
4.5
4.0
3.0
2.5
350
400
450
500
550
600
650
Figure 4. Line Regulation
Figure 5. Line Regulation Over Temperature
Normalized
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
5.5
4.5
4.0
3.5
3.0
2.5
1.2498
1.2499
1.2500
1.2501
1.2502
5.5
5.0
4.5
4.0
3.5
3.0
2.5
−25
0
25
50
Figure 6. Load Regulation Over Temperature
Figure 7. Output Voltage vs. Temperature
Normalized
OUTPUT CURRENT (mA)
TEMPERATURE (°C)
10
5
0
−5
−10
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
85
60
35
10
−15
−40
1.2492
1.2494
1.2496
1.2498
1.2502
1.2504
1.2506
1.2508
Unit 1
Unit 2
+85°C
+25°C
−40°C
1.2500
Unit 3
Unit 1
Unit 2
Unit 3
Unit 1
Unit 2
5.0
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
SINKING
SOURCING


Similar Part No. - CAT8900A120TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B102TBGT3 ONSEMI-CAT8900B102TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B125TBGT3 ONSEMI-CAT8900B125TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B180TBGT3 ONSEMI-CAT8900B180TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
CAT8900B204TBGT3 ONSEMI-CAT8900B204TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
More results

Similar Description - CAT8900A120TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com