Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK15211M Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK15211M
Description  Audio Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15211M Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK15211M Datasheet HTML 4Page - TOKO, Inc TK15211M Datasheet HTML 5Page - TOKO, Inc TK15211M Datasheet HTML 6Page - TOKO, Inc TK15211M Datasheet HTML 7Page - TOKO, Inc TK15211M Datasheet HTML 8Page - TOKO, Inc TK15211M Datasheet HTML 9Page - TOKO, Inc TK15211M Datasheet HTML 10Page - TOKO, Inc TK15211M Datasheet HTML 11Page - TOKO, Inc TK15211M Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
June 1999 TOKO, Inc.
Page 9
TK15211
APPLICATION INFORMATION
KEY INPUT CIRCUIT
Figure 10 illustrates the KEY input equivalent circuit. When
the control pin is open, the input is pulled up to a high level
(approximately 1.4 V). This applies the channel A input
signal to the output. A low level changes the output to the
channel B input signal. When the control terminal is pulled
low, a current up to 30
µA may flow out of the terminal. For
this reason, an external resistor value must be selected
which results in a voltage of less than 0.8 V to maintain a low
condition.
SWITCHING TIME
This time is the signal change response time compared to
the control key input signal. Figure 11 illustrates the timing
chart. T = 2
µs typically.
APPLICATION
Figure 12 illustrates an example of a typical application.
The standard application of the TK15211M is to use direct
coupling at the inputs and capacitor coupling at the output.
For characteristics of distortion and dynamic range versus
R
L,
refer to the graphs in the Typical Performance
Characteristics. The TK15211M can also be used with
capacitor coupling on the inputs, but an external bias
supply is required. If capacitor coupling is desired, it is
recommended to use the TK15210M with built-in bias. The
DC input bias of the TK15210M is V
CC/2
CROSS TALK
Figure 13 is an example of a layout pattern. Because the
TK15211M is direct coupled, the influence of the
application is minimal. However, in the capacitor coupled
application of the TK15211M, the following must be
considered. Because of the high impedance at the inputs,
the capacitors can act as antennas to each other. If the
parts are bigger, and the space between the capacitors is
too narrow, then cross talk will increase. Therefore, when
designing the printed circuit pattern, separate the input
capacitors as far as possible and use as small a part as
possible (e.g., surface mount types, etc.).
Key in
to Logic
Figure 10
Key in
Bch (Ach)
SW out
50%
Ach (Bch)
t
Figure 11
VCC
+
33 µF
Key
+
inA
10 µF
out
RL
inB
Figure 12
Figure 13


Similar Part No. - TK15211M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210M TOKO-TK15210M Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210MTL TOKO-TK15210MTL Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210MTL/S1 TOKO-TK15210MTL/S1 Datasheet
94Kb / 12P
   Audio Analog Switch
More results

Similar Description - TK15211M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
TK15220 TOKO-TK15220 Datasheet
132Kb / 12P
   Audio Analog Switch
TK15329 TOKO-TK15329 Datasheet
209Kb / 16P
   Audio Analog Switch
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
TK15325 TOKO-TK15325 Datasheet
207Kb / 12P
   Audio Analog Switch
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
   Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
   Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com