Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCSLR2D18-470T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSLR2D18-470T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSLR2D18-470T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSLR2D18-470T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSLR2D18
15
DCR
(Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCSLR2D18-2R2T-RC
PCSLR2D18-3R3T-RC
PCSLR2D18-4R7T-RC
PCSLR2D18-6R8T-RC
PCSLR2D18-100T-RC
PCSLR2D18-220T-RC
PCSLR2D18-470T-RC
2.2
3.3
4.7
6.8
10
22
47
30
30
30
30
30
30
30
100
100
100
100
100
100
100
0.041
0.054
0.078
0.106
0.180
0.320
0.660
0.85
0.75
0.63
0.52
0.43
0.30
0.20
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCSLR2D18-150T-RC
15
30
100
0.220
0.35
PCSLR2D18-390T-RC
39
30
100
0.600
0.22
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 12/19/08
Irms
(A)
2.10
1.65
1.32
1.00
0.68
0.48
0.80
Max
PCSLR2D18-330T-RC
33
30
100
0.460
0.24
0.56
2.30
Max.
Features
• Shielded SMD Power Inductor
• Ideal for use in DC-DC converter applications
Electrical
Inductance Range: 2.2µH to 47µH
Tolerance: 30% over entire range,
Operating Temp: -30ºC ~ +100ºC
Test Equipment
(L): PM3260A / HP4284A / HP4285A
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 7 inch reel.
• Low DC Resistance
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502BC
(IDC): HP4284 + HP42841A /
Marking: EIA Inductance Code
IDC: Current at which inductance
drops by 10% of intial value
Itemp current: Value obtained when
current flows and the temperature has
Chen Hwa 1061 + 301A
tighter tolerances available
risen to 40ºC
Dimensions:
Inches
(mm)


Similar Part No. - PCSLR2D18-470T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSLR2D18-470-RC ALLIED-PCSLR2D18-470-RC Datasheet
395Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCSLR2D18-470T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com