Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11935 Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11935
Description  VOLTAGE REGULATOR WITH RESET OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11935 Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11935 Datasheet HTML 6Page - TOKO, Inc TK11935 Datasheet HTML 7Page - TOKO, Inc TK11935 Datasheet HTML 8Page - TOKO, Inc TK11935 Datasheet HTML 9Page - TOKO, Inc TK11935 Datasheet HTML 10Page - TOKO, Inc TK11935 Datasheet HTML 11Page - TOKO, Inc TK11935 Datasheet HTML 12Page - TOKO, Inc TK11935 Datasheet HTML 13Page - TOKO, Inc TK11935 Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Page 10
January 1999 TOKO, Inc.
TK119xx
TEST CIRCUIT
IOUT
CONT
NOISE BYPASS
VCONT
VIN
VOUT
+
CL
10 µF
+
1 µF
CN
0.01 µF
RESET OUTPUT
220 k
ICONT
+
VOUT
+
+
TIMING DIAGRAM
PRINCIPLE OF OPERATION
OUTPUT VOLTAGE 5 V
INPUT VOLTAGE
RESET OUTPUT
~5 V
~5 V
NOT
VALID
NOT
VALID
GLITCH
GLITCH
t


Similar Part No. - TK11935

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900M TOKO-TK11900M Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900MTL TOKO-TK11900MTL Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900MTL/GO TOKO-TK11900MTL/GO Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
More results

Similar Description - TK11935

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
logo
RICOH electronics devic...
R1151N RICOH-R1151N Datasheet
265Kb / 26P
   Boost type Voltage Regulator with Reset
logo
New Japan Radio
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com