Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-150670-X-TD Datasheet(PDF) 4 Page - OSA Opto Light GmbH

Part # OLS-150670-X-TD
Description  Series 150 - 1206 Standard IR high intensity 660-850 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-150670-X-TD Datasheet(HTML) 4 Page - OSA Opto Light GmbH

  OLS-150670-X-TD Datasheet HTML 1Page - OSA Opto Light GmbH OLS-150670-X-TD Datasheet HTML 2Page - OSA Opto Light GmbH OLS-150670-X-TD Datasheet HTML 3Page - OSA Opto Light GmbH OLS-150670-X-TD Datasheet HTML 4Page - OSA Opto Light GmbH OLS-150670-X-TD Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
preliminary edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Series
Color
Encapsulation
Packaging
OIS-150
-
???????
-
X
-
?
T - taped up
TD - taped down
X - uncolored clear
Type definition, e.g. OIS-150 660-X -T
(general information – not this device specific)
Ordering Code For Parts
C:
0.28
-
0.45
C1:
0.28
-
0.36
J1:
4.50
-
5.60
D:
0.45
-
0.71
C2:
0.36
-
0.45
J2:
5.60
-
7.10
E:
0.71
-
1.12
D1:
0.45
-
0.56
K1:
7.10
-
9.00
F:
1.12
-
1.80
D2:
0.56
-
0.71
K2:
9.00
-
11.20
G:
1.80
-
2.80
E1:
0.71
-
0.90
L1:
11.20
-
14.00
H:
2.80
-
4.50
E2:
0.90
-
1.12
L2:
14.00
-
18.00
J:
4.50
-
7.10
F1:
1.12
-
1.40
M1:
18.00
-
22.40
K:
7.10
-
11.20
F2:
1.40
-
1.80
M2:
22.40
-
28.00
L:
11.20
-
18.00
G1:
1.80
-
2.24
N1:
28.00
-
35.50
M:
18
-
28
G2:
2.24
-
2.80
N2:
35.50
-
45.00
N:
28
-
45
H1:
2.80
-
3.55
P1:
45.00
-
56.00
P:
45
-
71
H2:
3.55
-
4.50
P2:
56.00
-
71.00
LED Luminous Intensity Groups And Subgroups [ mW/sr ]
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated
equipment with an accuracy of ± 11 %.


Similar Part No. - OLS-150670-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OLS-150880-X-TD OSA-OLS-150880-X-TD Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OLS-150880-X-TU OSA-OLS-150880-X-TU Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OLS-150885-X-T OSA-OLS-150885-X-T Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
OLS-150885-X-TD OSA-OLS-150885-X-TD Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
More results

Similar Description - OLS-150670-X-TD

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170660 OSA-OIS-170660 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 660-850 nm
OIS-250660 OSA-OIS-250660 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 660-850 nm
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
OIS-150885 OSA-OIS-150885 Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
OLS-150 OSA-OLS-150 Datasheet
129Kb / 5P
   Series 150 - 1206 Standard High luminous intensity
OIS-150-880 OSA-OIS-150-880 Datasheet
169Kb / 7P
   1206 ??IR, high intensity
OIS-250880 OSA-OIS-250880 Datasheet
119Kb / 5P
   Series 250 - 1206 lower height IR high intensity 870 nm
OIS-330880 OSA-OIS-330880 Datasheet
132Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 880 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com