Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS515A1M000F Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HS515A1M000F
Description  Hermetically Sealed Precision Ultra-High Stability Axial Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HS515A1M000F Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HS515A1M000F Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
41
HSP Series
Hermetically Sealed Precision Ultra-High Stability
Axial Terminals
Maximum Power
Dimensions (in./mm)
Resistance Rating Maximum
Value*
@ 25°C Voltage
D
B
C
Model
(ohms)
(watts)
(volts) ±0.010/0.254** ±0.020/0.508 ±0.030/0.762
HS185A
1.0M
0.125
300
0.187 / 4.75
0.500 / 12.70
0.625 / 15.88
HS205A
1.4M
0.25
300
0.250 / 6.35
0.500 / 12.70
0.562 / 14.27
HS207A
2.8M
0.40
600
0.250 / 6.35
0.750 / 19.05
0.812 / 20.62
HS210A
3.0M
0.50
600
0.250 / 6.35
1.00 / 25.40
1.063 / 27.00
HS308A
5.6M
0.60
600
0.375 / 9.52
0.820 / 20.80
0.920 / 23.35
HS310A
7.6M
0.80
600
0.375 / 9.52
1.00 / 25.40
1.050 / 26.67
HS510A
24M
1.00
600
0.500 / 12.70
1.05 / 25.40
1.220 / 30.99
HS515A
35M
1.25
600
0.500 / 12.70
1.50 / 38.10
1.605 / 40.77
HS520A
43M
1.50
900
0.500 / 12.70
2.00 / 50.80
2.160 / 54.86
*Minimum Value = 10Ω **Clear sleeving available, add 0.040"/ 1.016mm to body diam.
F E A T U R E S
• Accuracy to ±0.001% absolute
• Shelf life to 10 ppm/year
• Temperature coefficient to
±3 ppm/°C, -10°C to +80°C
• Low voltage coefficient
• Low noise
• Extremely low thermal EMF
• Available in 4-terminal on HS500
series
• Oil-filled version available
Part Marking:
• Ohmite
• Model
• Resistance value
• Resistance tolerance
• Date code
O R D E R I N G I N F O R M AT I O N
B
C
D
1.50 / 38.10
min.
20 AWG
(0.032 / 0.813)
ex. HS185A:
22 AWG
(0.026 / 0.660)
H S 1 8 5 A S L 1 M 0 0 0 T
Type
Tolerance
T = 0.01%
Q = 0.02%
A = 0.05%
B = 0.1%
F = 1.0%
Resistance
1R000 =
1
10R00 =
10
100R0 = 100
1K000 = 1000
10K00 = 10 K
100K0 = 100 K
1M000 =
1 M
Oil-Filled
A = Non oil-filled
F = Oil-filled
Wattage
185 = 0.125W
205 = 0.25
207 = 0.40
210 = 0.50
308 = 0.60
310 = 0.80
510 = 1.00
515 = 1.25
520 = 1.50
Sleeving
SL = with sleeving
blank = without


Similar Part No. - HS515A1M000F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS515A OHMITE-HS515A Datasheet
236Kb / 1P
   Hermetically Sealed, Precision
HS515A OHMITE-HS515A Datasheet
190Kb / 1P
   Available in 4-terminal on HS500 series
More results

Similar Description - HS515A1M000F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RX-M1006DE OHMITE-RX-M1006DE Datasheet
71Kb / 1P
   Ultra High Resistance High Stability Hermetically Sealed
logo
EUROQUARTZ limited
T1215 EUROQUARTZ-T1215 Datasheet
110Kb / 1P
   Hermetically-sealed, Tight Stability
logo
Ohmite Mfg. Co.
HSP OHMITE-HSP Datasheet
236Kb / 1P
   Hermetically Sealed, Precision
logo
Vishay Siliconix
VHP203 VISHAY-VHP203 Datasheet
121Kb / 5P
   Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Revision: 06-May-08
logo
List of Unclassifed Man...
X150FG ETC1-X150FG Datasheet
56Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Semtech Corporation
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
   Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
logo
List of Unclassifed Man...
DO-41 ETC-DO-41 Datasheet
153Kb / 3P
   Hermetically Sealed Glass Axial Package
logo
Semtech Corporation
1N6638 SEMTECH-1N6638 Datasheet
136Kb / 4P
   Axial Leaded Hermetically Sealed Switching Diodes
logo
DB Lectro Inc
CA33M032 DBLECTRO-CA33M032 Datasheet
232Kb / 2P
   CA Hermetically Sealed Axial Tantalum Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com