Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11817MTL Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11817MTL
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11817MTL Datasheet(HTML) 1 Page - TOKO, Inc

  TK11817MTL Datasheet HTML 1Page - TOKO, Inc TK11817MTL Datasheet HTML 2Page - TOKO, Inc TK11817MTL Datasheet HTML 3Page - TOKO, Inc TK11817MTL Datasheet HTML 4Page - TOKO, Inc TK11817MTL Datasheet HTML 5Page - TOKO, Inc TK11817MTL Datasheet HTML 6Page - TOKO, Inc TK11817MTL Datasheet HTML 7Page - TOKO, Inc TK11817MTL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 1999 TOKO, Inc.
Page 1
TK11816, TK11817,
TK11818, TK11819
GND
DK
OSC
VIN
OSCILLATOR
STARTUP
CIRCUIT
REFERENCE
VOLTAGE
FEEDBACK
CONTROL
VOUT
T1
DC-DC CONVERTER
FEATURES
s Miniature Package (SOT-23L-6)
s Few External Components
s Internal Rectifier and Regulator
s Wide Input Voltage Range (1.1 to 18 V)
s Selectable Output Voltages
s Single Battery Cell Operation
TK11816M
TK11817M
TK11818M
TK11819M
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
BLOCK DIAGRAM
DESCRIPTION
The TK1181x series devices generate DC output voltages
ranging from 7.2 to 32 V. Each device provides two
regulated output voltages selectable by a single jumper.
Designed for step-up operation, these devices will operate
with an input voltage as low as 1.1 V, thus allowing single
battery cell operation.
These converters have a built-in relaxation oscillator. The
frequency of operation is determined by external component
values. The built-in rectifier combined with an internal
temperature compensated reference allows stable output
voltages with minimal external components.
These devices are available in a miniature SOT-23L-6
surface mount package. An optimized surface mount
inductor is available from TOKO (P/N: 395GN-0091IB).
APPLICATIONS
s Variable Capacitance and PIN Diode Bias
s Portable Instrumentation
s Radio Control Systems
s Mobile Radios
s Cellular Telephones
s Cordless Telephones
s Fiber-Optic Receivers
s Local Area Network (LAN) Receivers
s Battery Operated Equipment
TK11816
TK11817
TK11818
TK11819
OSC
VIN
VOUT
T1
DK
GND
01S


Similar Part No. - TK11817MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11811 TOKO-TK11811 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811D1 TOKO-TK11811D1 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811M TOKO-TK11811M Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811MTL TOKO-TK11811MTL Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11812 TOKO-TK11812 Datasheet
53Kb / 8P
   DC-DC CONVERTER
More results

Similar Description - TK11817MTL

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com