Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM10 Datasheet(PDF) 5 Page - DDK Ltd.

Part # CM10
Description  One-Touch Locking Style Small Sized Circular Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM10 Datasheet(HTML) 5 Page - DDK Ltd.

  CM10 Datasheet HTML 1Page - DDK Ltd. CM10 Datasheet HTML 2Page - DDK Ltd. CM10 Datasheet HTML 3Page - DDK Ltd. CM10 Datasheet HTML 4Page - DDK Ltd. CM10 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Unit:mm
CM10 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Mated Dimensions
Material : Plastic
Color : Red
DDK
2
7.9
7
P/N
CM10-R-DC
○Supporting Cover
Straight Plug
(27)
40
Right Angle Plug
45
32
(52)
(44.3)
23.4
○Dust Cap for Receptacle & Cable Receptacle
P/N
CM10-SP-CV
P/N
CM10-AP-D-CV
Receptacle Straight Plug
Receptacle Right Angle Plug


Similar Part No. - CM10

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
logo
Chicago Miniature Lamp,...
CM10 CML-CM10 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Bourns Electronic Solut...
CM10 BOURNS-CM10 Datasheet
419Kb / 7P
   SMT Chip Inductors
CM10 BOURNS-CM10 Datasheet
449Kb / 9P
   SMT Chip Inductors
logo
Visual Communications C...
CM10 VCC-CM10 Datasheet
32Kb / 1P
   Base
More results

Similar Description - CM10

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
   One-touch / Screw Mating Compatible Circular Waterproof Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com