Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11432TL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK11432TL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11432TL Datasheet(HTML) 2 Page - TOKO, Inc

  TK11432TL Datasheet HTML 1Page - TOKO, Inc TK11432TL Datasheet HTML 2Page - TOKO, Inc TK11432TL Datasheet HTML 3Page - TOKO, Inc TK11432TL Datasheet HTML 4Page - TOKO, Inc TK11432TL Datasheet HTML 5Page - TOKO, Inc TK11432TL Datasheet HTML 6Page - TOKO, Inc TK11432TL Datasheet HTML 7Page - TOKO, Inc TK11432TL Datasheet HTML 8Page - TOKO, Inc TK11432TL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TK114xx
11-20-94
Page 2
January, 1995 TOKO, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 16 V
Load Current ....................................................... 180 mA
Power Dissipation (Note 1) ................................ 400 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range .................. -30 to +80
°C
Lead Soldering Temp. (10 sec.) ........................... 240
°C
Junction Temperature .......................................... 150
°C
TK11430 ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
IIN1
Supply Current 1
VIN = 4 V, IO = 0 mA
500
900
µA
I
IN2
Supply Current 2
V
IN = 2.5 V, IO = 0 mA
1
2.5
µA
IINS
Standby Current
VIN = 10 V, Output Off
0.1
µA
V
O
Output Voltage Regulation
V
IN = 4 V, IO = 30 mA
2.9
3.0
3.1
%
V
DROP
Dropout Voltage
I
O = 30 mA
0.12
0.3
V
IO
Output Current
70
110
mA
I
OR
Recommended Output
70
mA
Current
LinReg
Line Regulation
VIN = 4 V → 9 V
5
30
mV
LoaReg
Load Regulation
IO = 0 mA to 30 mA
18
50
mV
IO = 0 mA to 60 mA
36
80
mV
RR
Ripple Rejection
100 mV(rms), f = 400 Hz
55
dB
V
IN = 4.5 V, IO = 10 mA
∆V/∆TV
O Temperature Coefficient
VIN = 4.5 V, IO = 10 mA
±0.3
mV/
°C
-20
°C ≤ T
A ≤ 75 °C
V
N
Output Noise Voltage
V
IN = 4.5 V, IO = 10 mA
180
µV(rms)
Control Pin
I
CONT
Control Pin Current
On Mode
35
120
µA
V
Coff
Control Pin Voltage
Off Mode
V
IN-0.2
V
IN
V
VCon
Control Pin Voltage
On Mode
0
0.6
V
Note 1: Power dissipation must be derated at the rate of 1.6 mW/
°C for operation above T
A = 25 °C.
TEST CIRCUIT 1
KT114xx • TC01A
1
4
5
6
23
S
VIN
V
A
A
V
S
S
S
S
VOUT
I
OUT
VIN
V OUT
1 F
m
10
F
m
150KW
ICONT
CONT
CONT
GND
NOTE: CONNECT PINS 2 AND 5 TO
GND FOR MAXIMUM HEAT CONDUCTION.
+
+
+
_
+
_


Similar Part No. - TK11432TL

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11432TL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com