Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS74-2R2M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS74-2R2M-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS74-2R2M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS74-2R2M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS74
15
DCR
(
Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS74-1R8M-RC
PCS74-2R2M-RC
PCS74-2R7M-RC
PCS74-3R3M-RC
PCS74-4R7M-RC
PCS74-100M-RC
PCS74-150M-RC
PCS74-180M-RC
PCS74-220M-RC
PCS74-270M-RC
PCS74-330M-RC
PCS74-390M-RC
PCS74-470M-RC
PCS74-560M-RC
1.8
2.2
2.7
3.3
4.7
10
15
18
22
27
33
39
47
56
20
20
20
20
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.025
0.025
0.030
0.035
0.035
0.049
0.081
0.091
0.110
0.150
0.170
0.230
0.260
0.350
4.00
3.50
3.50
3.50
3.00
1.84
1.47
1.31
1.23
1.12
0.96
0.91
0.88
0.75
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS74-6R8M-RC
6.8
20
1
0.045
2.50
PCS74-120M-RC
12
20
1
0.058
1.71
(A)
PCS74-820M-RC
PCS74-101M-RC
PCS74-121M-RC
PCS74-151M-RC
82
100
120
150
20
20
20
20
1
1
1
1
0.430
0.610
0.660
0.880
0.61
0.60
0.52
0.46
PCS74-680M-RC
68
20
1
0.383
0.69
PCS74-181M-RC
PCS74-221M-RC
180
220
20
20
1
1
0.980
1.170
0.42
0.36
PCS74-331M-RC
PCS74-391M-RC
PCS74-471M-RC
PCS74-561M-RC
330
390
470
560
20
20
20
20
1
1
1
1
1.860
2.850
3.010
3.620
0.32
0.29
0.26
0.23
PCS74-271M-RC
270
20
1
1.640
0.34
PCS74-681M-RC
PCS74-821M-RC
PCS74-102M-RC
680
820
1000
20
20
20
1
1
1
4.630
5.20
6.00
0.22
0.20
0.18
All specifications subject to change without notice.
KHz, 1V
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Designed for pick and place assembly
• Ideal for DC-DC converter
applications
Electrical
Inductance Range: 1.8µh ~ 1000µh
Packaging: 1000 pieces per 13 inch reel.
Marking: EIA Inductance Code
Physical
Tolerance:
20% over entire range,
Test Frequency:
As specified with 1v OSC
Operating Temp: -40ºC~85ºC
IDC: Current at which inductance drop
= 35% typ.
Resistance to Soldering Heat
Pre-Heat 150ºC, 1min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L):
HP4192A LF Impedance Analyzer
(RDC): Chen Hwa 502
(IDC): Chen Hwa 1061 + Chen Hwa 301A
or HP4284 + HP42841A
tighter tolerances available
REVISED 12/11/08
Dimensions:
Inches
(mm)


Similar Part No. - PCS74-2R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS74-2R2M-RC ALLIED-PCS74-2R2M-RC Datasheet
412Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS74-2R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com