Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS4D28-3R9T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS4D28-3R9T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS4D28-3R9T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS4D28-3R9T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS4D28
15
DCR
(
Ω)
SRF
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
(MHz)Typ
All specifications subject to change without notice.
Max
ISAT
(A)
Features
• Shielded SMD Power Inductor
• Low profile suitable for pick and place
• Low DC resistance
• Ideal for DC-DC converter applications
Electrical
Tolerance:
30% over entire range,
Operating Temp:
-30ºC ~ +100ºC
IDC: Current at which inductance drops
Inductance Range: 1.2µH to 220µH
Resistance to Soldering Heat
Test Equipment
Physical
Pre-Heat 150ºC, 1 min.
Solder Temp:
260ºC ± 5ºC for 10sec ± 1sec.
Solder Composition: Sn/Ag3.0/Cu0.5
(L):
HP 4192A LF Impedance Analyzer
(RDC): Chen Hwa 502
Packaging: 2000 pieces per 13 inch reel
Marking: EIA Inductance Code
DCR
Max.
(
Ω)
IDC
(A)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS4D28-1R2T-RC
PCS4D28-1R8T-RC
PCS4D28-2R0T-RC
PCS4D28-2R2T-RC
PCS4D28-2R7T-RC
PCS4D28-3R3T-RC
PCS4D28-3R9T-RC
PCS4D28-4R7T-RC
PCS4D28-5R6T-RC
PCS4D28-6R8T-RC
PCS4D28-8R2T-RC
PCS4D28-100T-RC
PCS4D28-120T-RC
PCS4D28-150T-RC
PCS4D28-180T-RC
PCS4D28-220T-RC
PCS4D28-270T-RC
1.2
1.8
2.0
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.024
0.028
0.030
0.031
0.043
0.049
0.065
0.072
0.101
0.109
0.118
0.128
0.132
0.149
0.166
0.235
0.261
2.56
2.20
2.10
2.04
1.60
1.57
1.44
1.32
1.17
1.12
1.04
1.00
0.84
0.76
0.72
0.70
0.58
PCS4D28-330T-RC
PCS4D28-390T-RC
PCS4D28-470T-RC
PCS4D28-560T-RC
PCS4D28-680T-RC
PCS4D28-820T-RC
33
39
47
56
68
82
30
30
30
30
30
30
100
100
100
100
100
100
0.331
0.384
0.587
0.625
0.699
0.915
0.56
0.50
0.48
0.41
0.35
0.32
KHz, 1V
tighter tolerances available.
by 35% of initial value or ∆ T=40ºC lower,
whichever is lower.
REVISED 7/21/09
PCS4D28-101T-RC
PCS4D28-121T-RC
PCS4D28-151T-RC
PCS4D28-181T-RC
PCS4D28-221T-RC
100
120
150
180
220
30
30
30
30
30
100
100
100
100
100
1.02
0.29
1.27
0.27
1.35
0.24
1.54
0.22
2.00
0.20
PCS4D28-331T-RC
330
30
100
2.66
0.14
Dimensions:
Inches
(mm)


Similar Part No. - PCS4D28-3R9T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS4D28-3R9T-RC ALLIED-PCS4D28-3R9T-RC Datasheet
382Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS4D28-3R9T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com