Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11821MMG Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11821MMG
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11821MMG Datasheet(HTML) 1 Page - TOKO, Inc

  TK11821MMG Datasheet HTML 1Page - TOKO, Inc TK11821MMG Datasheet HTML 2Page - TOKO, Inc TK11821MMG Datasheet HTML 3Page - TOKO, Inc TK11821MMG Datasheet HTML 4Page - TOKO, Inc TK11821MMG Datasheet HTML 5Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January, 1996 TOKO, Inc.
Page 1
TK11821
1-30-96
APPLICATIONS
s Variable Capacitance and PIN Photodiode Bias
s Portable Instrumentation
s Radio Control Systems
s Mobile Radios
s Cellular Telephones
s Cordless Telephones
s Fiberoptic Receivers
s Local Area Network (LAN) Receivers
s Battery Operated Equipment
FEATURES
s Very Low Noise
s Very Small Size
s Few External Components
s Wide Supply Voltage Range (0.9 to 10 V)
s Sinewave Oscillator
s Selectable Output Voltages
TK11821M
Tape/Reel Code
TAPE/REEL CODE
BX:
Bulk/Bag
TL:
Tape Left
MG:
Magazine
ORDERING INFORMATION
DC-DC CONVERTER
TK11821M
BLOCK DIAGRAM
1
2
3
4
OSC
VD
BYPASS
VO
VIN
8
7
6
5
VFB
GND
T1
821
A21
DESCRIPTION
The TK11821 is a low power, low input voltage DC-DC
converter. The device has been optimized for variable
capacitance diode and PIN photodiode bias applications. It
generates 10 Vdc and 24 Vdc output voltages from an input
voltage as low as 0.9 V.
Since the built-in high frequency oscillator generates
sinewaves, the TK11821 produces very low RF interfer-
ence noise. The internal oscillator is capable of operation
at frequencies as high as 6-8 MHz, therefore, interference
filtering is simple and effective. This unique feature makes
the TK11821 ideally suitable for RF and fiber optic receiver
applications.
The device is capable of operation in the 0.9 to 10 V power
supply voltage range.
The output voltage is 24 V when T1 is not connected. When
T1 is connected to VO, the output voltage is set to 10 V.
The TK11821 is available in an 8-pin plastic surface mount
(MFP-8) package. External inductive components are also
available.
VO
T1
GND
BYPASS
V REF
VFB
OSC
Feedback
Control
6
5
2
4
5
7
3
1
VD
VIN


Similar Part No. - TK11821MMG

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11822 TOKO-TK11822 Datasheet
96Kb / 5P
   DC-DC CONVERTER
TK11822M TOKO-TK11822M Datasheet
96Kb / 5P
   DC-DC CONVERTER
TK11822MBX TOKO-TK11822MBX Datasheet
96Kb / 5P
   DC-DC CONVERTER
TK11822MTL TOKO-TK11822MTL Datasheet
96Kb / 5P
   DC-DC CONVERTER
TK11823 TOKO-TK11823 Datasheet
96Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - TK11821MMG

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com