Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCIT20-6R8M-RC Datasheet(PDF) 2 Page - Allied Components International

Part # PCIT20-6R8M-RC
Description  Power Chip Shielded Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCIT20-6R8M-RC Datasheet(HTML) 2 Page - Allied Components International

  PCIT20-6R8M-RC Datasheet HTML 1Page - Allied Components International PCIT20-6R8M-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications subject to change without notice.
PCIT20 - 100M
PCIT20 - 102M
Current (A)
Current (A)
0
0.2
0.4
0.6
0.8
1
1.4
1.2
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
0
0
0.02
0.04 0.06
0.08
0.1
0.12 0.14 0.16
200
400
700
800
900
1000
0
600
500
300
100
0.4
0.8
1.4
1.6
1.8
2
0
1.2
1
0.6
0.2
PCIT20 - 101M
Current (A)
0
0.04 0.06 0.12 0.16 0.2 0.24 0.28 0.32
0.4
0.36
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
PCIT20 - 1R0M
Current (A)
1.8
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
TYPICAL INDUCTANCE AND ENERGY STORAGE VS. CURRENT
PCIT20 Power Chip Shielded Inductors
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Revised 03-25-08


Similar Part No. - PCIT20-6R8M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCIT20-6R8M-RC ALLIED-PCIT20-6R8M-RC Datasheet
1Mb / 2P
   Power Chip Shielded Inductors
More results

Similar Description - PCIT20-6R8M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com