Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI50-220M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCI50-220M-RC
Description  Power Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCI50-220M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCI50-220M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Inductors
PCI50
Features
• High current capacity in a small foot
print
• High energy storage and low DCR
• Designed with high heat resistant
materials for reflow operation
• Wrap around terminals for excellent
solder quality and inspection
• Flat top for pick and place assembly
Electrical
Inductance Range: 4.7
µh to 1000µh.
Tolerance:
± 20% over the entire
inductance range.
Test Frequency:
Inductance measured
at 100KHz, 0.1 Vrms. After soldering, push
Operating Temp. Range:
i-40° to +85°C.ll
Inductance Drop:
20% typical at the
rated Isat.0 to 2000) x 10 -6°C.
Physical
Packaging:
225 pieces per 13 inch reel.
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µh)
PCI50-100M-RC
PCI50-150M-RC
PCI50-220M-RC
PCI50-330M-RC
PCI50-470M-RC
PCI50-680M-RC
PCI50-101M-RC
PCI50-151M-RC
PCI50-221M-RC
PCI50-331M-RC
PCI50-471M-RC
PCI50-681M-RC
PCI50-102M-RC
10
15
22
33
47
68
100
150
220
330
470
680
1000
.033
.042
.054
0.08
0.10
0.17
0.22
0.34
0.44
0.70
0.95
1.20
2.00
I
rms
(A
)
DCR
Max.
(
Ω)
3.5
3.0
2.5
2.0
1.6
1.2
1.2
0.9
0.7
0.6
0.3
0.2
0.1
T
olerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
1st
2nd
3rd
D
I
sat
(A
)
8.0
7.0
5.5
4.0
3.8
3.0
2.5
2.0
1.6
1.2
1.0
1.0
0.8
0.510
(12.95)
Max
0.370
(9.40)
Max
0.300
(7.62)
0.450
(11.43)
Max
0.100
(2.54)
0.100
(2.54)
0.290
(7.37)
0.118
(3.00)
0.110
(2.79)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
22
18
11
9.0
8.0
7.0
5.0
4.0
3.5
2.5
2.0
2.0
1.5
SRF
(MHz)
TYP.
PCI50-4R7M-RC
4.7
.033
3.5
20
8.0
25
Temperature Rise:
T=40ºC rise
typical at Irms.
• Non-standard values available
REVISED 7/23/09
* Notice of marking change see “Marking” below.
Marking:
Notice: We will be changing our marking
system to the 4 character EIA code for inductance
and tolerance. For example: “101K” for 100µh 10%.


Similar Part No. - PCI50-220M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI50-220M-RC ALLIED-PCI50-220M-RC Datasheet
776Kb / 1P
   Power Chip Inductors
More results

Similar Description - PCI50-220M-RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com