Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11830M Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11830M
Description  POSITIVE-TO-NEGATIVE DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11830M Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11830M Datasheet HTML 5Page - TOKO, Inc TK11830M Datasheet HTML 6Page - TOKO, Inc TK11830M Datasheet HTML 7Page - TOKO, Inc TK11830M Datasheet HTML 8Page - TOKO, Inc TK11830M Datasheet HTML 9Page - TOKO, Inc TK11830M Datasheet HTML 10Page - TOKO, Inc TK11830M Datasheet HTML 11Page - TOKO, Inc TK11830M Datasheet HTML 12Page - TOKO, Inc TK11830M Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Page 10
January 1999 TOKO, Inc.
TK11830
APPLICATION INFORMATION
COMPONENT REQUIREMENTS
Inductor
DC resistance of the inductor must be less than 5
Ω. For
optimal performance and efficiency, an inductor with a DC
resistance of less than 1
Ω is recommended. The oscillator
frequency is inversely proportional to inductance. The
inductance should be greater than 300
µH to prevent loss
of efficiency at high frequencies.
There is a large peak current (up to I
LPK = 300mA) when
the inductor is saturated.
C
FB, CREF, CIN, COUT
The filtered output ripple is fed back to the feedback pin. To
ensure continuous operation, C
FB should be connected
between the feedback pin and ground. If a large voltage is
fed back to the feedback pin, the power transistor switch
drive will be intermittent. This causes a large ripple voltage
since I
LPK becomes larger. The value of CFB is determined
by the value of the output capacitor, C
OUT, and the feedback
resistance, R
2. The feedback capacitor must be larger
when the ripple voltage is high due to the lower C
OUT. CREF
is used to prevent oscillation of the band gap reference and
to stabilize the feedback loop. The input capacitor, C
IN, is
used to reduce supply impedance and to provide sufficient
input current during switching for stable circuit operation.
Recommended values:
C
REF > 0.1 µF
C
FB > 0.01 µF
C
IN > 22 µF
C
OUT > 22 µF
Note: C
OUT should be sufficiently large and have a low
ESR to minimize ripple voltage.
Control Pin Resistor (R
CONT)
Input requirements of the Control pin are as follows:
When V
CONT is high (above 2.2 V), the circuit operation is
stopped. When V
CONT is low (below 0.4 V), operation is
resumed.
A control current of 3
µA (typ.) is required for shutdown.
Shutdown voltage, V
CONT, is related to the resistance
R
CONT as shown below. VCONT changes when RCONT is
changed.
V
CONT ~ RCONT x ICONT + VBE
V
CONT ~ (300 kΩ) x (3 µA) + 0.7 V = 1.60 V at
R
SD = 300 kΩ and VBE ~ 0.7 V
ICONT
+
VCONT
RCONT
VBE
30 k
ON/OFF CONTROL
-4
-2
-5
-3
-1
VCONT
0
TA = 25 °C
0
1
2
4
2
5
3
1
0
ILPK
IL
t
L(SMALL)
L(LARGE)
t
ILPK(MAX)
-300 mA
INDUCTOR
SATURATION


Similar Part No. - TK11830M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11835MTL TOKO-TK11835MTL Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
More results

Similar Description - TK11830M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
logo
International Rectifier
IRU3065 IRF-IRU3065 Datasheet
229Kb / 15P
   POSITIVE TO NEGATIVE DC TO DC CONTROLLER
logo
Texas Instruments
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com