Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLB05-331-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLB05-331-RC
Description  Multilayer Ferrite Bead s
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLB05-331-RC Datasheet(HTML) 1 Page - Allied Components International

  MLB05-331-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multilayer Ferrite Beads
MLB05
All specifications subject to change without notice.
MLB05-110-RC
MLB05-190-RC
MLB05-300-RC
MLB05-400-RC
MLB05-560-RC
MLB05-600-RC
MLB05-680-RC
MLB05-700-RC
MLB05-750-RC
MLB05-800-RC
MLB05-900-RC
MLB05-101-RC
MLB05-121-RC
MLB05-141-RC
MLB05-151-RC
11
19
30
40
56
60
68
70
75
80
90
100
120
140
150
0.05
0.08
0.10
0.10
0.10
0.10
0.15
0.15
0.15
0.15
0.20
0.20
0.25
0.25
0.30
500
500
400
400
400
400
400
400
400
400
400
400
400
300
200
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.063±0.006
(1.60±0.15)
0.031±0.006
(0.8±0.15)
0.012±0.008
(0.3±0.20)
0.031±0.006
(0.8±0.15)
0.024
(0.6)
0.041
(1.04)
0.031
(0.8)
MLB05-181-RC
181
0.30
200
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
*Rated
Current
(mA)
RoHS
Dimensions:
Inches
(mm)
MLB05-060-RC
MLB05-070-RC
MLB05-100-RC
5
6
7
10
0.05
0.05
0.05
0.05
500
500
500
500
MLB05-150-RC
MLB05-170-RC
15
17
0.08
0.08
500
500
MLB05-200-RC
MLB05-220-RC
MLB05-250-RC
MLB05-260-RC
20
22
25
26
0.10
0.10
0.10
0.10
400
400
400
400
MLB05-310-RC
MLB05-320-RC
MLB05-330-RC
31
32
33
0.10
0.10
0.10
400
400
400
MLB05-470-RC
MLB05-500-RC
MLB05-520-RC
MLB05-550-RC
47
50
52
55
0.10
0.10
0.10
0.10
400
400
400
400
MLB05-451-RC
MLB05-801-RC
MLB05-172-RC
450
800
1700
0.50
0.50
0.70
1.20
200
200
200
50
MLB05-201-RC
MLB05-221-RC
MLB05-241-RC
MLB05-301-RC
220
240
300
0.30
0.30
0.40
0.40
200
200
200
200
MLB05-401-RC
MLB05-421-RC
400
420
0.50
0.50
200
200
MLB05-471-RC
MLB05-501-RC
MLB05-601-RC
MLB05-751-RC
470
500
600
750
0.50
0.50
0.50
0.70
200
200
200
200
MLB05-102-RC
MLB05-122-RC
MLB05-152-RC
1000
1200
1500
0.70
1.00
1.00
200
50
50
MLB05-202-RC
MLB05-222-RC
MLB05-252-RC
MLB05-272-RC
2000
2200
2500
2700
1.20
1.20
1.30
1.30
50
50
50
50
*Temperature rise
T= 30ºC at rated current.
MLB05-331-RC
200
330
MLB05-050-RC
Electrical
Impedance Range:
5Ω to 2700Ω
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: 4000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Range: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• Multi layer technology
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Tolerance: 25% over entire range
REVISED 6/18/09


Similar Part No. - MLB05-331-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB05-300-RC ALLIED-MLB05-300-RC Datasheet
749Kb / 1P
   Multilayer Ferrite Bead s
MLB05-301-RC ALLIED-MLB05-301-RC Datasheet
749Kb / 1P
   Multilayer Ferrite Bead s
More results

Similar Description - MLB05-331-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB03-060-RC ALLIED-MLB03-060-RC Datasheet
703Kb / 1P
   Multilayer Ferrite Bead s
MLB05 ALLIED-MLB05 Datasheet
749Kb / 1P
   Multilayer Ferrite Bead s
logo
KOA Speer Electronics, ...
CZB1JFT KOA-CZB1JFT Datasheet
96Kb / 3P
   multilayer ferrite bead
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
   multilayer ferrite bead
logo
Allied Components Inter...
MLB03 ALLIED-MLB03 Datasheet
2Mb / 1P
   Multilayer Ferrite Bead
logo
KOA Speer Electronics, ...
CZP1JPT KOA-CZP1JPT Datasheet
85Kb / 2P
   multilayer power ferrite bead
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
   multilayer power ferrite bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com