Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11816 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK11816
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11816 Datasheet(HTML) 5 Page - TOKO, Inc

  TK11816 Datasheet HTML 1Page - TOKO, Inc TK11816 Datasheet HTML 2Page - TOKO, Inc TK11816 Datasheet HTML 3Page - TOKO, Inc TK11816 Datasheet HTML 4Page - TOKO, Inc TK11816 Datasheet HTML 5Page - TOKO, Inc TK11816 Datasheet HTML 6Page - TOKO, Inc TK11816 Datasheet HTML 7Page - TOKO, Inc TK11816 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 1999 TOKO, Inc.
Page 5
TK11816, TK11817,
TK11818, TK11819
TK11816 (V
OUT - T1 JUMPERED)
TK11817 (V
OUT - T1 JUMPERED)
TK11816 (V
OUT - T1 OPEN)
OUTPUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
0
5
10
0
5
10
VIN = 2 V
4 V
6 V
8 V
10 V
OUTPUT VOLTAGE CHANGE VS.
TEMPERATURE
TA (°C)
-500
500
-50
0
50
100
0
OUTPUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
5
10
15
0
10
20
4 V
6 V
8 V
VIN = 2 V
10 V
OUTPUT VOLTAGE AND SUPPLY
CURRENT VS. INPUT VOLTAGE
VIN (V)
5
10
15
0
1
2
3
4
5
400 µA
VOUT
200 µA
IOUT = 0
IIN
20
10
0
OUTPUT VOLTAGE CHANGE VS.
TEMPERATURE
TA (°C)
-500
500
-50
0
50
100
0
OUTPUT VOLTAGE AND SUPPLY
CURRENT VS. INPUT VOLTAGE
VIN (V)
0
5
10
0
1
2
3
4
5
VOUT
200 µA
IOUT = 0
IIN
10
5
0
400 µA
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 °C, unless otherwise specified.
OUTPUT VOLTAGE AND SUPPLY
CURRENT VS. INPUT VOLTAGE
VIN (V)
0
5
10
0
1
2
3
4
5
400 µA
VOUT
200 µA
IOUT = 0
IIN
20
10
0
OUTPUT VOLTAGE CHANGE VS.
TEMPERATURE
TA (°C)
-500
500
-50
0
50
100
0
OUTPUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
0
5
10
0
10
20
4 V
6 V
VIN = 2 V
8 V


Similar Part No. - TK11816

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11811 TOKO-TK11811 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811D1 TOKO-TK11811D1 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811M TOKO-TK11811M Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811MTL TOKO-TK11811MTL Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11812 TOKO-TK11812 Datasheet
53Kb / 8P
   DC-DC CONVERTER
More results

Similar Description - TK11816

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com