Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11232MTL Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11232MTL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11232MTL Datasheet(HTML) 1 Page - TOKO, Inc

  TK11232MTL Datasheet HTML 1Page - TOKO, Inc TK11232MTL Datasheet HTML 2Page - TOKO, Inc TK11232MTL Datasheet HTML 3Page - TOKO, Inc TK11232MTL Datasheet HTML 4Page - TOKO, Inc TK11232MTL Datasheet HTML 5Page - TOKO, Inc TK11232MTL Datasheet HTML 6Page - TOKO, Inc TK11232MTL Datasheet HTML 7Page - TOKO, Inc TK11232MTL Datasheet HTML 8Page - TOKO, Inc TK11232MTL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TK112xx
January, 1996 TOKO, Inc.
Page 1
1-3-96
TK112XXM
BLOCK DIAGRAM
VOLTAGE REGULATOR WITH ON/OFF SWITCH
FEATURES
s Low Dropout Voltage
s CMOS/TTL Compatible ON/OFF Switch
s Very Low Standby Current 180
µA (ON, No Load)
s Internal Thermal Shutdown
s Short Circuit Protection
s Very Low (0.1
µA) Current in OFF Mode
s Low Noise with External Bypass Capacitor
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
1
3
CONTROL
GND
6
4
VIN
V
O
TK112
M PO
2
5
GND
BYPASS
DESCRIPTION
The TK112XX is a low power, linear regulator with a built-
in electronic switch. The internal electronic switch can be
controlled by TTL or CMOS logic levels. The device is in
the ON state when the control pin is pulled to a high logic
level. A pin for a bypass capacitor is provided, which
connects to the internal circuitry, to lower the overall output
noise level.
An internal PNP pass-transistor is used in order to achieve
low dropout voltage (typically 100 mV at 30 mA load
current). The device has very low quiescent current (180
µA) in the ON mode with no load and 1 mA with 30 mA load.
The quiescent current is typically 2.5 mA at 60 mA load.
When the device is in standby mode (V
CONT = 0), the
quiescent current is typically 100 nA. An internal thermal
shutdown circuit limits the junction temperature to below
150
°C. The load current is internally monitored and the
device will shut down in the presence of a short circuit at the
output.
TK112
M
Voltage Code
Tape/Reel Code
TAPE/REEL CODE
BX : Bulk/Bag
TL : Tape Left
ORDERING INFORMATION
VOLTAGE CODE
27 = 2.75 V
30 = 3.0 V
32 = 3.25 V
35 = 3.5 V
40 = 4.0 V
45 = 4.5 V
47 = 4.75 V
50 = 5.0 V
S
S
S
S
S
S
S
S
S
S
S
VO
GND
TK112xx
+
BANDGAP
REFERENCE
THERMAL
PROTECTION
+
S
NOISE
BYPASS
S
S
S
S
S
S
V
IN
CONTROL
S
S
3
2,5
4
6
1
P50


Similar Part No. - TK11232MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11232B TOKO-TK11232B Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11232BMCB TOKO-TK11232BMCB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11232BMCL TOKO-TK11232BMCL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11232BMIB TOKO-TK11232BMIB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11232BMIL TOKO-TK11232BMIL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11232MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com