Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLB10-150-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLB10-150-RC
Description  Multilayer Ferrite Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLB10-150-RC Datasheet(HTML) 1 Page - Allied Components International

  MLB10-150-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLB10
Multilayer Ferrite Beads
***Temperature rise shall not be more than 30 C at rated current.
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
***Rated
Current
(mA)
MLB10-070-RC
MLB10-090-RC
MLB10-110-RC
MLB10-170-RC
MLB10-300-RC
MLB10-310-RC
MLB10-700-RC
MLB10-800-RC
MLB10-121-RC
MLB10-151-RC
MLB10-221-RC
MLB10-331-RC
MLB10-401-RC
MLB10-431-RC
MLB10-451-RC
MLB10-471-RC
MLB10-102-RC
7
9
11
17
30
31
70
80
120
150
220
330
400
430
450
470
1000
0.10
0.10
0.10
0.10
0.10
0.10
0.15
0.15
0.25
0.25
0.30
0.30
0.30
0.40
0.40
0.40
0.50
600
600
600
600
600
600
500
500
300
300
300
300
300
300
300
300
200
MLB10-152-RC
1500
0.60
200
MLB10-202-RC
MLB10-222-RC
MLB10-252-RC
MLB10-272-RC
2500
2700
0.70
0.70
0.70
0.70
200
200
200
200
MLB10
D
2200
2000
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.079±0.008
(2.0±0.20)
0.049±0.008
(1.25±0.20)
0.035±0.008
(0.9±0.20)
0.020±0.012
(0.5±0.30)
0.045
(1.14)
0.039
(1.0)
0.047
(1.2)
Dimensions:
Inches
(mm)
MLB10-050-RC
5
0.10
600
MLB10-100-RC
10
0.10
600
MLB10-120-RC
MLB10-150-RC
12
15
0.10
0.10
600
600
MLB10-190-RC
MLB10-220-RC
MLB10-260-RC
MLB10-280-RC
19
22
26
28
0.10
0.10
0.10
0.10
600
600
600
600
MLB10-320-RC
32
0.10
600
MLB10-330-RC
MLB10-500-RC
MLB10-520-RC
33
50
52
0.10
0.10
0.15
500
500
500
MLB10-390-RC
MLB10-400-RC
MLB10-420-RC
MLB10-470-RC
39
40
42
47
0.10
0.10
0.10
0.10
500
500
500
500
MLB10-560-RC
56
0.15
500
MLB10-600-RC
60
0.15
500
MLB10-750-RC
75
0.15
500
MLB10-950-RC
MLB10-101-RC
95
100
0.15
0.25
500
300
MLB10-900-RC
90
0.15
500
MLB10-181-RC
MLB10-201-RC
180
200
0.30
0.30
300
300
MLB10-241-RC
240
0.30
300
MLB10-301-RC
300
0.30
300
MLB10-421-RC
420
0.30
300
MLB10-501-RC
MLB10-601-RC
500
600
0.40
0.40
300
300
MLB10-681-RC
680
0.40
300
MLB10-751-RC
750
0.50
200
MLB10-122-RC
1200
0.60
200
All specifications subject to change without notice.
°
Electrical
Impedance Range:
5Ω to 2700Ω
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: 4000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Range: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• Multi layer technology
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Tolerance: 25% over entire range
REVISED 6/18/09


Similar Part No. - MLB10-150-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB10-150-RC ALLIED-MLB10-150-RC Datasheet
772Kb / 1P
   Multilayer Ferrite Beads
More results

Similar Description - MLB10-150-RC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
   Multilayer Ferrite Beads
Revision: 28-Aug-07
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
   Multilayer Ferrite Beads
Revision: 14-Mar-06
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
   Multilayer Ferrite Beads
Revision: 21-Jun-11
ILBB-0603 VISHAY-ILBB-0603 Datasheet
133Kb / 4P
   Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Allied Components Inter...
MLB20 ALLIED-MLB20 Datasheet
806Kb / 1P
   Multilayer Ferrite Beads
logo
Vishay Siliconix
ILB1206ER500V VISHAY-ILB1206ER500V Datasheet
125Kb / 5P
   Multilayer Ferrite Beads
Revision: 04-Feb-11
ILBB-0603 VISHAY-ILBB-0603_06 Datasheet
113Kb / 5P
   Multilayer Ferrite Beads
Revision: 13-Mar-06
ILBB-0402 VISHAY-ILBB-0402_07 Datasheet
179Kb / 3P
   Multilayer Ferrite Beads
Revision: 12-Jul-07
ILBB0603 VISHAY-ILBB0603 Datasheet
151Kb / 5P
   Multilayer Ferrite Beads
ILB-1206 VISHAY-ILB-1206 Datasheet
221Kb / 5P
   Multilayer Ferrite Beads
Revision 19-Apr-05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com