Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCB05-500-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MCB05-500-RC
Description  Mid Current Chip Bead s
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MCB05-500-RC Datasheet(HTML) 1 Page - Allied Components International

  MCB05-500-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mid Current Chip Beads
MCB05 & 10
MCB05
All specifications subject to change without notice.
MCB05-100-RC
MCB05-110-RC
MCB05-120-RC
MCB05-190-RC
MCB05-300-RC
MCB05-320-RC
MCB05-400-RC
MCB05-470-RC
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
Rated
Current
(mA)
10
11
12
19
30
32
40
47
0.03
0.03
0.05
0.05
0.06
0.06
0.06
0.06
1000
1000
1000
1000
800
800
800
600
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.063±0.008
(1.60±0.20)
0.031±0.006
(0.79±0.15)
0.016±0.008
(0.41±0.20)
0.031±0.006
(0.79±0.15)
0.023
(0.58)
0.041
(1.04)
0.031
(0.79)
MCB05-500-RC
MCB05-560-RC
50
56
0.06
0.06
600
600
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
Rated
Current
(mA)
RoHS
MCB05
MCB10
MCB05-600-RC
60
0.06
600
MCB05-700-RC
MCB05-750-RC
MCB05-800-RC
MCB05-101-RC
MCB05-121-RC
MCB05-151-RC
MCB05-181-RC
MCB05-201-RC
70
75
80
100
120
150
180
200
0.10
0.10
0.10
0.15
0.15
0.15
0.18
0.18
600
600
600
600
600
600
400
400
MCB05-221-RC
MCB05-301-RC
220
300
0.18
0.25
400
400
MCB05-331-RC
330
0.30
400
MCB05-451-RC
MCB05-471-RC
450
470
0.30
0.30
400
400
MCB05-601-RC
MCB05-751-RC
600
750
0.30
0.45
400
300
MCB05-102-RC
1000
0.45
300
MCB05-152-RC
1500
0.70
150
MCB10-070-RC
MCB10-090-RC
MCB10-110-RC
MCB10-170-RC
MCB10-260-RC
MCB10-300-RC
MCB10-320-RC
MCB10-330-RC
7
9
11
17
26
30
32
33
0.06
0.06
0.06
0.06
0.06
0.06
0.06
0.10
1000
1000
1000
1000
1000
1000
1000
800
MCB10-400-RC
40
0.10
800
MCB10-600-RC
60
0.06
800
MCB10-700-RC
MCB10-800-RC
MCB10-101-RC
MCB10-121-RC
MCB10-151-RC
MCB10-181-RC
70
80
100
120
150
180
0.10
0.10
0.15
0.15
0.15
0.18
800
800
600
600
600
600
MCB10-221-RC
MCB10-301-RC
220
300
0.18
0.18
600
600
MCB10-331-RC
330
0.18
600
MCB10-401-RC
MCB10-501-RC
400
500
0.18
0.25
600
500
MCB10-601-RC
MCB10-751-RC
600
750
0.25
0.30
500
400
MCB10-102-RC
1000
0.30
400
MCB10-152-RC
1500
0.40
400
MCB10-241-RC
240
0.18
600
MCB10-182-RC
1800
0.55
400
MCB10-202-RC
2000
0.55
400
MCB10
D
0.079±0.008
(2.0±0.20)
0.049±0.008
(1.25±0.20)
0.035±0.008
(0.9±0.20)
0.020±0.012
(0.5±0.30)
0.045
(1.14)
0.039
(1.0)
0.047
(1.2)
Electrical
Impedance Range:
MCB05 from 10Ω to 1500Ω
MCB10 from 7Ω to 2000Ω
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: MCB05 - 4000 per 7 inch reel.
MCB10 - 4000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Range: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Current Rating up to 1A
• Nickel barrier termination for excellent resistance to solder heat
• Multi layer technology
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Tolerance: 25% over entire range
REVISED 7/9/09
MCB05-310-RC
31
0.06
800
MCB05-241-RC
240
0.25
400
MCB05-431-RC
430
0.30
400
MCB05-801-RC
800
0.45
300


Similar Part No. - MCB05-500-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MCB05-500-RC ALLIED-MCB05-500-RC Datasheet
787Kb / 1P
   Mid Current Chip Beads
More results

Similar Description - MCB05-500-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MCB20-190-RC ALLIED-MCB20-190-RC Datasheet
754Kb / 1P
   Mid Current Chip Beads
MCB05 ALLIED-MCB05 Datasheet
787Kb / 1P
   Mid Current Chip Beads
MCB20 ALLIED-MCB20 Datasheet
756Kb / 1P
   Mid Current Chip Beads
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
Abracon Corporation
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com