Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL485W Datasheet(PDF) 7 Page - RHOPOINT COMPONENTS

Part # IL485W
Description  Isolated RS485 Interface With Handshake
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

IL485W Datasheet(HTML) 7 Page - RHOPOINT COMPONENTS

  IL485W Datasheet HTML 1Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 2Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 3Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 4Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 5Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 6Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 7Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 8Page - RHOPOINT COMPONENTS IL485W Datasheet HTML 9Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IL485W
7
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
0.3" 16-pin SOIC Package
NOM
Pin 1 identified by
either an indent
or a marked dot
0.287 (7.29)
0.300 (7.62)
Dimensions in inches (mm)
0.08 (2.0)
0.10 (2.5)
0.092 (2.34)
0.105 (2.67)
0.397 (10.1)
0.413 (10.5)
0.013 (0.3)
0.020 (0.5)
0.394 (10.00)
0.419 (10.64)
0.040 (1.0)
0.060 (1.5)
0.004 (0.1)
0.012 (0.3)
0.007 (0.2)
0.013 (0.3)
0.016 (0.4)
0.050 (1.3)
Pin spacing is a BASIC
dimension; tolerances
do not accumulate
NOTE:
Ordering Information and Valid Part Numbers
IL 485W E TR13
Bulk Packaging
Blank = Tube
TR = 13'' Tape and Reel
Package
Blank = 80/20 Tin/Lead Plating
E = RoHS Compliant
Base Part Number
485W = RS-485 Transceiver
with handshake
Product Family
IL = Isolators
Valid Part Numbers
IL485W
IL485WE
All IL485W
part types are
available on
tape and reel.
RoHS
COMPLIANT


Similar Part No. - IL485W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL485W ETC-IL485W Datasheet
176Kb / 4P
   Isolated RS485 Interface with Handshake
More results

Similar Description - IL485W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL485W ETC-IL485W Datasheet
176Kb / 4P
   Isolated RS485 Interface with Handshake
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
   Isolated RS485-3V Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
IL3585 ETC1-IL3585 Datasheet
327Kb / 8P
   PROFIBUS Compatible Isolated RS485 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
   Isolated RS485 Transceiver
logo
Aeroflex Circuit Techno...
DRS4485 AEROFLEX-DRS4485 Datasheet
777Kb / 8P
   DRS4485 Dual RS485 Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com