Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11070MTL Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK11070MTL
Description  NEGATIVE SLOPE TEMPERATURE SENSOR IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11070MTL Datasheet(HTML) 6 Page - TOKO, Inc

  TK11070MTL Datasheet HTML 1Page - TOKO, Inc TK11070MTL Datasheet HTML 2Page - TOKO, Inc TK11070MTL Datasheet HTML 3Page - TOKO, Inc TK11070MTL Datasheet HTML 4Page - TOKO, Inc TK11070MTL Datasheet HTML 5Page - TOKO, Inc TK11070MTL Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
January 1999 TOKO, Inc.
TK11070
Marking Information
Marking
TK11070
70C
SOT-26 (SOT-23-6)
PACKAGE OUTLINE
Printed in the USA
© 1999 Toko, Inc.
All Rights Reserved
TOKO AMERICA REGIONAL OFFICES
Toko America, Inc. Headquarters
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
IC-xxx-TK11070
0798O0.0K
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its
products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of
third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Western Regional Office
Toko America, Inc.
2480 North First Street , Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, IL 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375
0.95
0.95
0.95
0.95
e
M
0.1
2.9
0.4
2.8
1.90
e'
Recommended Mount Pad
1
23
4
5
0.7
e
e
e
0.1
Marking
± 0.3
+0.15
- 0.05
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)


Similar Part No. - TK11070MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11070MTL

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3120 KR-3120 Datasheet
130Kb / 2P
   Negative Slope Equalizer
2817 KR-2817 Datasheet
49Kb / 2P
   7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
   7 dB negative slope equalizer
2816 KR-2816 Datasheet
49Kb / 2P
   7 dB negative slope equalizer
2815 KR-2815 Datasheet
48Kb / 2P
   6 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
   5 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
   7 dB negative slope equalizer
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
   TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com