Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2839 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2839
Description  25 MHz elliptic bandpass filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2839 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2839 Datasheet HTML 1Page - KR Electronics, Inc. 2839 Datasheet HTML 2Page - KR Electronics, Inc. 2839 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2839, Rev 0, May 19, 2009
KR Electronics
KR 2839 is a 25 MHz elliptic bandpass filter. The 1 dB band-
width is 6 MHz minimum. The filter is group delay and ampli-
tude equalized. Other center frequencies and bandwidths avail-
able. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 25 MHz Center Frequency
 6 MHz min 1 dB Bandwidth
 Group Delay/Phase Equalized
 Elliptic Response
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2839

ManufacturerPart #DatasheetDescription
logo
Heyco.
2839 HEYCO-2839 Datasheet
102Kb / 1P
   Shorty Bushings
logo
PHOENIX CONTACT
2839130 PHOENIX-2839130 Datasheet
149Kb / 14P
   Type 2 surge arrester - VAL-MS 230/FM
09/12/2020
logo
M/A-COM Technology Solu...
28392-BRF-001-A MA-COM-28392-BRF-001-A Datasheet
108Kb / 4P
   Quad/x16/Octal T1/E1/J1 Framers
28392-BRF-001-A MA-COM-28392-BRF-001-A_15 Datasheet
108Kb / 4P
   Quad/x16/Octal T1/E1/J1 Framers
logo
PHOENIX CONTACT
2839208 PHOENIX-2839208 Datasheet
129Kb / 7P
   Surge protection base element - PT 2X2-BE
09/12/2020
More results

Similar Description - 2839

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2915 KR-2915 Datasheet
62Kb / 2P
   60 MHz elliptic bandpass filter
2903 KR-2903 Datasheet
62Kb / 2P
   140 MHz Elliptic Bandpass
2903-S KR-2903-S Datasheet
40Kb / 2P
   140 MHz Elliptic Bandpass
3327-SMA KR-3327-SMA Datasheet
84Kb / 3P
   25 MHz Bandpass Filter
3260-25-BP-SMA KR-3260-25-BP-SMA Datasheet
84Kb / 3P
   25 MHz Bandpass Filter
3260-25-BP KR-3260-25-BP Datasheet
93Kb / 3P
   25 MHz Bandpass Filter
3196-25-SMA KR-3196-25-SMA Datasheet
100Kb / 3P
   25 MHz Bandpass
2914 KR-2914 Datasheet
62Kb / 2P
   450 MHz elliptic type lowpass filter
3037 KR-3037 Datasheet
61Kb / 2P
   25 MHz Highpass Filter Sharp Elliptic Type 36 dB min Rejection at 20 MHz
logo
API Technologies Corp
SF0122BA03286S APITECH-SF0122BA03286S Datasheet
1Mb / 3P
   121.5 MHz SAW Bandpass Filter, 25 kHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com