Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2820-6.7 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2820-6.7
Description  6.7 MHz bandpass filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2820-6.7 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2820-6.7 Datasheet HTML 1Page - KR Electronics, Inc. 2820-6.7 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2008, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
6.7 MHz
Insertion Loss
< 2.5 dB ( 1.5 dB typical)
Attenuation at 5.45 MHz
3 ± 1 dB
Attenuation at 2.95 MHz
> 60 dB
Attenuation at 10.45 MHz
> 60 dB
Source and Load
50
Attenuation at 7.95 MHz
3 ± 1 dB
KR Electronics 2820-6.7
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Dimensions in inches
Epoxy Case


Similar Part No. - 2820-6.7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820-01 ETC2-2820-01 Datasheet
91Kb / 1P
   KNOB
logo
KR Electronics, Inc.
2820-10.7 KR-2820-10.7 Datasheet
48Kb / 2P
   10.7 MHz bandpass filter
2820-12.7 KR-2820-12.7 Datasheet
371Kb / 2P
   12.7 MHz surface mount bandpass filter
2820-14.7 KR-2820-14.7 Datasheet
371Kb / 2P
   14.7 MHz surface mount bandpass filter
2820-18.7 KR-2820-18.7 Datasheet
371Kb / 2P
   18.7 MHz surface mount bandpass filter
More results

Similar Description - 2820-6.7

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240BA03145S APITECH-SF0240BA03145S Datasheet
159Kb / 3P
   240 MHz SAW Filter 6.7 MHz Bandwidth
SF0325BA02646S APITECH-SF0325BA02646S Datasheet
155Kb / 4P
   325 MHz SAW Filter 6.7 MHz Bandwidth
SF0036BA01072T APITECH-SF0036BA01072T Datasheet
119Kb / 3P
   36.3 MHz SAW Filter 6.7 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
   Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com