Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11033M Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK11033M
Description  TEMPERATURE SENSOR IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11033M Datasheet(HTML) 4 Page - TOKO, Inc

  TK11033M Datasheet HTML 1Page - TOKO, Inc TK11033M Datasheet HTML 2Page - TOKO, Inc TK11033M Datasheet HTML 3Page - TOKO, Inc TK11033M Datasheet HTML 4Page - TOKO, Inc TK11033M Datasheet HTML 5Page - TOKO, Inc TK11033M Datasheet HTML 6Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4
January 1999 TOKO, Inc.
TK11033
2
4
OUTPUT VOLTAGE vs.
CONTROL VOLTAGE
VCONT (V)
0
0
0.6
1.2
1.8
2.4
3
1
50
100
INPUT CURRENT vs.
CONTROL VOLTAGE
VCONT (V)
0
0
0.6
1.2
1.8
2.4
75
25
4
6
CONTROL CURRENT vs.
TEMPERATURE
TA (°C)
2
-40
0
40
80
120
5
3
4
8
CONTROL CURRENT vs.
CONTROL VOLTAGE
VCONT (V)
0
0
0.6
1.2
1.8
2.4
6
2
2
4
CONTROL VOLTAGE RESPONSE A
TIME (ms)
0
0
1
2
3
4
3
1
COUT = 0.1 µF
2
4
CONTROL VOLTAGE RESPONSE B
TIME (ms)
0
0
1
2
3
4
3
1
COUT = 0 µF
40
80
RIPPLE REJECTION RATIO A
f (Hz)
0
10
100
1 k
10 k
100 k
60
20
COUT = 0.1 µF
Vrr = 100 mVrms
40
80
RIPPLE REJECTION RATIO B
f (Hz)
0
10
100
1 k
10 k
100 k
60
20
COUT = 0 µF
Vrr = 100 mVrms
2
4
TEMPERATURE RESPONSE A
TIME (s)
0
0
20
40
60
80
3
1
25 TO 85
°C
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
V
CC = 3 V, VCONT = 2.4 V, IOUT = 0 µA, TA = 25 °C, unless otherwise specified.


Similar Part No. - TK11033M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11033M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
   TEMPERATURE SENSOR IC
logo
List of Unclassifed Man...
STS21 ETC2-STS21 Datasheet
523Kb / 12P
   Temperature Sensor IC
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
   TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
   TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com