Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG4000GX-90DA Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FG4000GX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG4000GX-90DA Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FG4000GX-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG4000GX-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG4000GX-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG4000GX-90DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aug.1998
50
40
30
20
10
0
70
20
30
40
50
60
tgq
ts
VD = 3400V
VDM = 3375V
IT = 4000A
VRG = 17V
CS = 4.0
µF
LS = 0.2
µH
Tj = 125°C
80
60
50
30
10
0
4500
500 1000
2000
3000
4000
20
40
70
1500
2500
3500
tgq
ts
VD = 3400V
VDM = 4500V
diGQ/dt = –50A/
µs
VRG = 17V
CS = 4.0
µF
LS = 0.2
µH
Tj = 125°C
1600
1200
1000
600
200
0
4500
500 1000
2000
3000
4000
400
800
1400
1500
2500
3500
VD = 3400V
VDM = 4500V
diGQ/dt = –50A/
µs
VRG = 17V
CS = 4.0
µF
LS = 0.2
µH
Tj = 125°C
12
10
8
6
4
11
9
7
5
3
2
5000
0
1000
2000
3000
4000
VD = 2800V
VDM = 4500V
diGQ/dt = –50A/
µs
VRG = 17V
LS = 0.2
µH
Tj = 125°C
CS = 4.0
µF
CS = 2.5
µF
8
6
5
3
1
0
5000
0
1000
2000
3000
4000
2
4
7
VD = 2800V
IGM = 25A
diG/dt = 20A/
µs
CS = 4.0
µF
RS = 5
Tj = 125°C
diT/dt = 500A /
µs
300A /
µs
100A /
µs
1100
900
800
600
400
0
300
200
100
80
0
10
30
50
70
500
700
1000
20
40
60
VD = 3400V
VDM = 4500V
IT = 4000A
VRG = 17V
CS = 4.0
µF
LS = 0.2
µH
Tj = 125°C
RATE OF RISE OF TURN OFF GATE CURRENT (A/
µS)
TURN OFF TIME, TURN OFF STORAGE TIME
VS. RATE OF RISE OF TURN OFF GATE CURRENT
(TYPICAL)
TURN OFF CURRENT (A)
TURN OFF TIME, TURN OFF STORAGE TIME
VS. TURN OFF CURRENT
(TYPICAL)
RATE OF RISE OF TURN OFF GATE CURRENT (A/
µS)
TURN OFF GATE CURRENT VS.
RATE OF RISE OF GATE CURRENT
(TYPICAL)
TURN OFF CURRENT (A)
TURN OFF GATE CURRENT
VS. TURN OFF CURRENT
(TYPICAL)
TURN ON CURRENT (A)
TURN ON SWITCHING ENERGY
(MAXIMUM)
TURN OFF CURRENT (A)
TURN OFF SWITCHING ENERGY
(MAXIMUM)
MITSUBISHI GATE TURN-OFF THYRISTORS
FG4000GX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE


Similar Part No. - FG4000GX-90DA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FG4000GX-90DA POWEREX-FG4000GX-90DA Datasheet
75Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG4000GX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com