Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP4-3L0-2E2-1Q1-4LL046-A Datasheet(PDF) 6 Page - Emerson Network Power

Part # IMP4-3L0-2E2-1Q1-4LL046-A
Description  Up to 1500 Watts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP4-3L0-2E2-1Q1-4LL046-A Datasheet(HTML) 6 Page - Emerson Network Power

  IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 1Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 2Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 3Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 4Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 5Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 6Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 7Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 8Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev. 7.9.09_77
iMP Series
 of 9
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). Max torque: 6 in-lbs. (0.67 N-m). (Optional IEC input connector)
2. Control connectors: (J1) 10 position housing, gold plated contacts. Mates with Molex 90142-0010 housing with 90119-2110 crimp contacts (Molex C - Grid III Series).
Connector kit includes mating connector and 10 pins, Astec part #70-841-004. (J2) 10 position housing (Landwin 2051P1000T). Mates with housing 2050S1000
(Landwin) with 2053T011P (Landwin) pins or JST PHDR-IOVS Housing and JST SPHD-002T-PO.5 pins.
3. Chassis material: aluminum with chemical film coating (conductive).
4. All dimensions are in millimeters and inches, and are typical.
5. Customer mounting -3 sides M4, bottom also includes 8-32 mounting holes. Max. penetration is 0.150” (3.8 mm). Max. torque: 5 in-lbs. (0.57 N-m).
6. Output module connections: All single O/P modules are M4 x 8mm screws. Max. torque: 10 in-lbs. (1.13 N-m).
Dual O/P module is M3 x 8mm screws. Max. torque: 5 in-lbs. (0.57 N-m).
i
MP Series
i
MP4 (750/1100 Watts Max)
5-Inch Case Size: iMP4: 2.5” x 5” x 10” (63.5mm x 127mm x 254mm)
Weight: iMP4 Case: 3 lbs. • 360 W Single 1.0 lb.
• 750 W Single: 1.6 lbs. 144 W Dual: 0.6 lb.


Similar Part No. - IMP4-3L0-2E2-1Q1-4LL046-A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP4-3A0-00-A-XXX ASTEC-IMP4-3A0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3A0-02-A-XXX ASTEC-IMP4-3A0-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3A1-00-A-XXX ASTEC-IMP4-3A1-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3A1-02-A-XXX ASTEC-IMP4-3A1-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3B0-00-A-XXX ASTEC-IMP4-3B0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
More results

Similar Description - IMP4-3L0-2E2-1Q1-4LL046-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com