Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet(PDF) 5 Page - Emerson Network Power

Part # IVS1-5L1-1Q1-2EO-4LL0-18
Description  IVS1-5L1-1Q1-2EO-4LL0-10-A Up to 4920 Watts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet(HTML) 5 Page - Emerson Network Power

  IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 1Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 2Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 3Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 4Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 5Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 6Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 7Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 8Page - Emerson Network Power IVS1-5L1-1Q1-2EO-4LL0-18 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev. 7.9.09_145
iVS Series
5 of 11
Embedded Power for
Business-Critical Continuity
Input
90-264Vac
170-264Vac
i
VS3 = 5”x8”x11”
1800Wmax. 4500Wmax.
(127x203.2x279.4)
14availableslots
S
L
O
T
13
S
L
O
T
14
S
L
O
T
12
S
L
O
T
11
S
L
O
T
10
S
L
O
T
9
S
L
O
T
7
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
S
L
O
T
8
i
VS1 and iVS6
i
VSCaseSpecifications
Figure 1. AC Input
1
2
3
~
N
6
1
10
5
Figure 2. Connector J1
Pin Connectors
1
2
3
~
N
1
2
3
4
L
L
L
AC Input Single Phase
3 Phase
PinNo.
Function
1
AC neutral
Line1
2
ACline(hot)
Line 2
3
Chassis(earth)
ground
Line3
4
Chassis(earth)
ground
PFC Input Connector (control & signals)
PinNo. Function
1
InputACOK-“emitter”
2
InputACOK-“collector”
3
GlobalDCOK-“emitter”
4
GlobalDCOK-“collector”
5
Noconnection
6
Globalinhibit/optionalenablelogic“0”
7
Globalinhibit/optionalenablelogic“1”
8
Globalinhibit/optionalenablereturn
9
+5VSBhousekeeping
10
+5VSBhousekeepingreturn
Mateswith
Molex90142-0010Housing
90119-2110Pin
ConnectorKitPartNo.:
70-841-004
Figure 1. AC Input
Figure 2. Connector J1
S
L
O
T
9
S
L
O
T
7
S
L
O
T
8
S
L
O
T
6
S
L
O
T
4
S
L
O
T
2
S
L
O
T
3
S
L
O
T
1
S
L
O
T
5
Input
90-264Vac
170-264Vac
i
VS1= 5”x5”x11”
1500Wmax. 3210Wmax.
(127x127x279.4)
9availableslots
i
VS6= 5”x5”x11”
N/A
170-264Vac
(127x127x279.4)
3210Wmax.
9availableslots
3-phaseonly
i
VS3, iVS8, and iVS8H
I2C Bus Output Connector
PinNo. Function
1
Noconnection
2
Noconnection
3
Noconnection
4
Serialclocksignal(SCL)
5
Serialdatasignal(SDA)
6
Address bit 0 (A0)
7
Addressbit1(A1)
8
Address bit 2 (A2)
9
Secondaryreturn(GND)
10
5VCCexternalbus(5VCCbus)
Mateswith
Landwin 2050S1000housing
2053T011Ppin
ConnectorKitPartNo.:
70-841-023
Figure 3. Connector J
1
2
3
~
N
1
2
3
4
φ1
φ2
φ3
L
L
L
4
2
3
1
i
VS1,iVS3
i
VS6
i
VS8,iVS8H
i
VS8= 5”x8”x11”
N/A
170-264Vac
(127x203.2x279.4)
4920Wmax.
14availableslots
i
VS8H=5”x8”x11”
N/A
380Vac
(127x203.2x279.4)
3800Wmax.
14availableslots
480Vac
4920Wmax.
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240


Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-18

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
More results

Similar Description - IVS1-5L1-1Q1-2EO-4LL0-18

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
   Intelligent VS Power Up to 4920 Watts
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
   Total Power: Up to 4920 W
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10_18 Datasheet
336Kb / 5P
   Up to 10 Watts Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
   Up to 10 Watts, Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com