Electronic Components Datasheet Search |
|
IVS1-5L1-1Q1-2EO-4LL0-06 Datasheet(PDF) 3 Page - Emerson Network Power |
|
IVS1-5L1-1Q1-2EO-4LL0-06 Datasheet(HTML) 3 Page - Emerson Network Power |
3 / 11 page Embedded Power for Business-Critical Continuity Module Code 1 2 3 5 4 — Module Type Single Single Single Single Dual Triple Maxoutputpower 210W 360W 750W 1500W 144W 36W Maxoutputcurrent 35A 60A 150A 140A 10A 2 A Outputvoltagesavailable* 2-60V 2-60V 2-60V 6-60V 8-15*,24-28;8-15*,8-15*;8 -15*,2-6;2-6,2-6;24-28,24-28; 24-28,2-6 8-15,8-15,2-6;8-15,8-15,8-15;8- 15,8-15,18-28;8-15,18-28,2-6 Standardvoltageincrements 25 25 25 18 16 18 Remotesense Yes Yes Yes Yes Yes Yes No Remotemargin Yes Yes Yes Yes No No No V-Program-I2C Control Yes Yes Yes Yes Yes Yes No ActiveCurrentShare Yes Yes Yes Yes Yes No No ModuleInhibit-I2C Control Yes Yes Yes Yes Yes Yes Yes ModuleInhibit-Analog Yes Yes Yes Yes Yes No No Overvoltage/Overcurrent protection Yes Yes Yes Yes Yes Yes Yes Minimum load required No No No No No No No Slots occupied in any iVS case 1 2 3 4 1 1 *Note:ContactFactoryforextendedrangedownto6V Output Module Line-up Rev. 7.9.09_145 iVS Series of 11 Dual Single 210W 360W 750W 144W 1500W Voltage Voltage Code Single Output Module Code Dual Output*** Triple Output I2C Adjustment Ranges**** 1 2 3 5 4 4 - - - 2V A 35A 60A 150A — 10A 10A — — 2 A 1.8-2.2 2.2V B 35A 60A 150A — 10A 10A — — 2 A 2.0 - 2.4 3V C 35A 60A 150A — 10A 10A — — 2 A 2.7-3.3 3.3V D 35A 60A 150A — 10A 10A — — 2 A 3.0-3.6 5V E 35A 60A 150A — 10A 10A — — 2 A 4.5-5.5 5.2V F 35A 60A 144A — 10A 10A — — 2 A 4.7-5.7 5.5V G 34A 58A 136A — 10A 10A — — 2 A 5.0-6.1 6.0V H 23A 42 A 97.5A 140A 10A* 10A* — — 2 A 5.4-6.6 8.0V I 20 A 36A 84.4 A 140A 10A 4 A 1A 1A 1A 7.2-8.8 10V J 18A 32A 75A 140A 10A 4 A 1A 1A 1A 9.0-11.0 11V K 17A 31A 68A 136.3A 10A 4 A 1A 1A 1A 9.9-12.1 12V L 17A 30A 62.5A 125A 10A 4 A 1A 1A 1A 10.8-13.2 14V M 14A 21A 53.5A 107A 9 A 4 A 1A 1A 1A 12.6-15.4 15V N 14A 20 A 50A 100A 8 A 4 A 1A 1A 1A 13.5-16.5 18V O 11A 19A 41.6A 83.3A — — — 0.5A 0.5A 16.2-19.8 20V P 10.5A 18A 37.5A 75A — — — 0.5A 0.5A 18.0-22.0 24V Q 8.5A 15A 30A 62.5A 4 A 2 A — 0.5A 0.5A 21.6-26.4 28V R 6.7A 11A 26.8A 53.5A 3A 2 A — 0.5A 0.5A 25.2-30.8 30V S 6.5A 11A 25A 50A — — — — — 27.0-33.0 33V T 6.2A 10.9A 22.7A 35.8A — — — — — 29.7-36.3 36V U 5.8A 10A 20.8 A 35.8A — — — — — 32.4-39.6 42V V 4.2 A 7.5A 16A 35.7A — — — — — 37.8-46.2 48V W 4.0 A 7.5A 15.6A 31.2A — — — — — 43.2-52.8 54V X 3.7A 6.0A 13.9A 27.7A — — — — — 48.6-59.4 60V Y 3.5A 6.0A 12.5A 25A — — — — — 54.0-66.0 Contact Factory Special* Z 35A 60A 150A — — 10A 2.3-2.6 Special* Z 35A 60A 150A — — 10A 3.7-4.4 Special* Z 20 A 36A 80 A 140A — 8 A 6.7-7.1 *Note:ContactFactoryforextendedrangedownto6V. **Incrementsofcurrentnotshowncanbeachievedbyparallelingmodules(addcurrentsofeachmoduleselected). ***Totaloutputpowerondualmodelmustnotexceed144W. ****Forsingleoutputmodulesonly. OutputModuleVoltage/Current* Triple 36W 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 |
Similar Part No. - IVS1-5L1-1Q1-2EO-4LL0-06 |
|
Similar Description - IVS1-5L1-1Q1-2EO-4LL0-06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |