Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN1307-221K Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # PN1307-221K
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN1307-221K Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  PN1307-221K Datasheet HTML 1Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 2Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 3Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 4Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 5Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 6Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 7Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 8Page - PREMO CORPORATION S.L PN1307-221K Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
Dimensions [mm]
Series
A
B
C
D
G(ref.)
H(ref.)
I(ref.)
PN0315
3.0±0.2
2.8±0.2
1.5±0.2
0.9(typ.)
0.8
3.0
1.4
PN0302
3.0±0.3
2.8±0.3
2.5±0.3
0.9(typ.)
0.8
3.0
1.4
PN0403
4.5±0.3
4.0±0.3
3.2±0.3
1.5(typ.)
1.5
4.5
1.8
PN0502
5.0±0.3
4.5±0.3
2.0±0.15
2.0(ref.)
1.9
5.0
1.8
PN0602
5.6±0.2
5.6±0.2
2.5±0.3
2.3(ref.)
1.7
5.8
2.15
PN0603
5.6±0.2
5.6±0.2
3.7±0.3
2.3(ref.)
1.7
5.8
2.15
PN54
5.6±0.2
5.6±0.2
4.5±0.3
2.3(ref.)
1.7
5.8
2.15
PN75
7.5±0.3
7.5±0.3
5.0±0.3
2.6(ref.)
2.4
8.0
2.7
PN105
9.5±0.3
9.5±0.3
5.5±0.3
2.9(ref.)
2.8
10.0
3.6
PN1011
9.5±0.3
9.5±0.3
11.5±0.5
2.9(ref.)
2.8
10.0
3.6
PN1307
13.0±0.7
13.0±0.7
7.0±0.3
5.0(ref.)
4.5
14.0
4.75
2. Schematic Diagram
3. Materials
a.- Core : Ferrite DR core
b.- Wire : Enamelled copper wire (class F)
c.- Terminal : Ag / Ni / Sn
d.- Remark : Lead content 200ppm max. include ferrite
4. General Specification
30ºC max.(PN0315)
a.- Temp. rise
40ºC max.(PN0302,PN0403,PN0602,PN0603,
PN54,PN75,PN105,PN1011,PN1307)
20ºC max.(PN0502)
b.- Rated current : Base on temp. rise & ∆L/L0A = 10%
c.- Storage temp. : -40ºC ~ +125ºC
d.- Operating temp. : -40ºC ~ +105ºC
e.- Resistance to solder heat : 260ºC. 10 secs


Similar Part No. - PN1307-221K

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PN10-10R PANDUIT-PN10-10R Datasheet
176Kb / 1P
   3PC. NYLON INSULATED. 12-10 BARREL, RINGS
PN10-10R-L PANDUIT-PN10-10R-L Datasheet
75Kb / 1P
   Ring Terminal, Nylon Insulated
PN10-12R PANDUIT-PN10-12R Datasheet
176Kb / 1P
   3PC. NYLON INSULATED. 12-10 BARREL, RINGS
PN10-12R-Q PANDUIT-PN10-12R-Q Datasheet
75Kb / 1P
   Ring Terminal, Nylon Insulated
PN10-14R PANDUIT-PN10-14R Datasheet
176Kb / 1P
   3PC. NYLON INSULATED. 12-10 BARREL, RINGS
More results

Similar Description - PN1307-221K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com